Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD88537NDT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD88537NDT
Description  CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD88537NDT Fiches technique(HTML) 2 Page - Texas Instruments

  CSD88537NDT Datasheet HTML 1Page - Texas Instruments CSD88537NDT Datasheet HTML 2Page - Texas Instruments CSD88537NDT Datasheet HTML 3Page - Texas Instruments CSD88537NDT Datasheet HTML 4Page - Texas Instruments CSD88537NDT Datasheet HTML 5Page - Texas Instruments CSD88537NDT Datasheet HTML 6Page - Texas Instruments CSD88537NDT Datasheet HTML 7Page - Texas Instruments CSD88537NDT Datasheet HTML 8Page - Texas Instruments CSD88537NDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD88537ND
SLPS455 – JANUARY 2014
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
60
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 48 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
2.6
3.0
3.6
V
VGS = 6 V, ID = 8 A
15.0
19.0
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 8 A
12.5
15.0
m
gfs
Transconductance
VDS = 30 V, ID = 8 A
42
S
Dynamic Characteristics
Ciss
Input Capacitance
1080
1400
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 30 V, f = 1 MHz
133
173
pF
Crss
Reverse Transfer Capacitance
4.0
5.2
pF
RG
Series Gate Resistance
5.5
11.0
Qg
Gate Charge Total (10 V)
14
18
nC
Qgd
Gate Charge Gate to Drain
2.3
nC
VDS = 30 V, ID = 8 A
Qgs
Gate Charge Gate to Source
4.6
nC
Qg(th)
Gate Charge at Vth
3.4
nC
Qoss
Output Charge
VDS = 30 V, VGS = 0 V
25
nC
td(on)
Turn On Delay Time
6
ns
tr
Rise Time
15
ns
VDS = 30 V, VGS = 10 V, IDS = 8 A, RG = 0 Ω
td(off)
Turn Off Delay Time
5
ns
tf
Fall Time
19
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 8 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
50
nC
VDS= 30 V, IF = 8 A, di/dt = 300 A/μs
trr
Reverse Recovery Time
30
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJL
Thermal Resistance Junction to Lead(1)
20
°C/W
RθJA
Thermal Resistance Junction to Ambient(1)(2)
75
°C/W
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD88537ND


Numéro de pièce similaire - CSD88537NDT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD88539ND TI1-CSD88539ND Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539NDT TI1-CSD88539NDT Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539ND TI-CSD88539ND_15 Datasheet
985Kb / 14P
[Old version datasheet]   CSD88539ND, Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539ND TI1-CSD88539ND_16 Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
More results

Description similaire - CSD88537NDT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD88539ND TI1-CSD88539ND_16 Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD88539ND TI-CSD88539ND_15 Datasheet
985Kb / 14P
[Old version datasheet]   CSD88539ND, Dual 60 V N-Channel NexFET Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com