Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD85312Q3E Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD85312Q3E
Description  Dual 20 V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD85312Q3E Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CSD85312Q3E Datasheet HTML 4Page - Texas Instruments CSD85312Q3E Datasheet HTML 5Page - Texas Instruments CSD85312Q3E Datasheet HTML 6Page - Texas Instruments CSD85312Q3E Datasheet HTML 7Page - Texas Instruments CSD85312Q3E Datasheet HTML 8Page - Texas Instruments CSD85312Q3E Datasheet HTML 9Page - Texas Instruments CSD85312Q3E Datasheet HTML 10Page - Texas Instruments CSD85312Q3E Datasheet HTML 11Page - Texas Instruments CSD85312Q3E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
4.00 ±0.10 (See Note 1)
2.00 ±0.05
3.60
M0144-01
8.00 ±0.10
Ø 1.50
+0.10
–0.00
CSD85312Q3E
SLPS457 – NOVEMBER 2013
www.ti.com
Q3E Tape and Reel Information
Notes:
1. 10 sprocket hole pitch cumulative tolerance ±0.2
2. Camber not to exceed 1 mm IN 100 mm, noncumulative over 250 mm
3. Material:black static dissipative polystyrene
4. All dimensions are in mm (unless otherwise specified)
5. Thickness: 0.30 ±0.05 mm
6. MSL1 260°C (IR and Convection) PbF Reflow Compatible
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Numéro de pièce similaire - CSD85312Q3E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
[Old version datasheet]   Dual 20 V N-Channel NexFE Power MOSFETs
More results

Description similaire - CSD85312Q3E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD15571Q2 TI-CSD15571Q2 Datasheet
836Kb / 10P
[Old version datasheet]   20-V N-Channel NexFET Power MOSFETs
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD88539ND TI1-CSD88539ND_16 Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD87312Q3E TI-CSD87312Q3E Datasheet
789Kb / 12P
[Old version datasheet]   Dual 30-V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
[Old version datasheet]   20 V Dual N-Channel NexFET Power MOSFET
CSD88537ND TI1-CSD88537ND Datasheet
1,006Kb / 13P
[Old version datasheet]   CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com