Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD85312Q3E Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD85312Q3E
Description  Dual 20 V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD85312Q3E Fiches technique(HTML) 5 Page - Texas Instruments

  CSD85312Q3E Datasheet HTML 1Page - Texas Instruments CSD85312Q3E Datasheet HTML 2Page - Texas Instruments CSD85312Q3E Datasheet HTML 3Page - Texas Instruments CSD85312Q3E Datasheet HTML 4Page - Texas Instruments CSD85312Q3E Datasheet HTML 5Page - Texas Instruments CSD85312Q3E Datasheet HTML 6Page - Texas Instruments CSD85312Q3E Datasheet HTML 7Page - Texas Instruments CSD85312Q3E Datasheet HTML 8Page - Texas Instruments CSD85312Q3E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
50
VDS - Drain-to-Source Voltage (V)
1ms
10ms
100ms
1s
DC
Single Pulse
Typical RthetaJA =120ºC/W(min Cu)
G001
1
10
100
0.01
0.1
1
TAV - Time in Avalanche (mS)
TC = 25ºC
TC = 125ºC
G001
0.25
0.5
0.75
1
1.25
1.5
1.75
2
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = 8V
VGS = 4.5V
ID =10A
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
CSD85312Q3E
www.ti.com
SLPS457 – NOVEMBER 2013
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
TEXT ADDED FOR SPACING
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5


Numéro de pièce similaire - CSD85312Q3E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
[Old version datasheet]   Dual 20 V N-Channel NexFE Power MOSFETs
More results

Description similaire - CSD85312Q3E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD15571Q2 TI-CSD15571Q2 Datasheet
836Kb / 10P
[Old version datasheet]   20-V N-Channel NexFET Power MOSFETs
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD88539ND TI1-CSD88539ND_16 Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD87312Q3E TI-CSD87312Q3E Datasheet
789Kb / 12P
[Old version datasheet]   Dual 30-V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
[Old version datasheet]   20 V Dual N-Channel NexFET Power MOSFET
CSD88537ND TI1-CSD88537ND Datasheet
1,006Kb / 13P
[Old version datasheet]   CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com