Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCRR25104Z5UM0050 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce MCRR25104Z5UM0050
Description  Multilayer Ceramic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

MCRR25104Z5UM0050 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  MCRR25104Z5UM0050 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCRR25104Z5UM0050 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCRR25104Z5UM0050 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MCRR Series
Multilayer Ceramic Capacitors
Page <1>
05/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
• Cost effective dipped radial multilayer ceramic capacitors
• High reliability and performance
• Applications for C0G dielectric tuned circuits and filters where low loss
and stability are required
• X7R dielectric offers high capacitance values in compact sizes with
good stability
• Z5U dielectric can be used in coupling and decoupling applications
where change of capacitance with temperature is not important
Conformally Coated Radial Leaded MLC
Temperature Coefficients : C0G (NP0), X7R, Z5U
200, 100, 63 / 50 Volts
Case Material : Epoxy
Lead Material : Solderable
General Information
Lead length = 25.4 minimum, Lead Diameter = 0.508
C0G (NP0) Dielectric
Size and Capacitance Specifications
EIA Characteristic
Height (H)
3.81
7.62
Width (W)
3.81
5.08
Depth (D)
2.54
3.18
Lead Spacing (L.S.)
2.54
5.08
Lead Diameter (L.D.)
0.508
0.508
Capacitance in pF
Voltage WVDC
Voltage, DC
Voltage, DC
Part Number
200
100
200
100
10
MCRR25100C0GJ0200
22
MCRR25220C0GJ0200
33
MCRR25330C0GJ0200
47
MCRR25470C0GJ0200
10
MCRR50100C0GJ0200
22
MCRR50220C0GJ0200
33
MCRR50330C0GJ0200
47
MCRR50470C0GJ0200
100
MCRR50101C0GJ0200
220
MCRR50221C0GJ0200
100
MCRR25101C0GJ0100
220
MCRR25221C0GJ0100
330
MCRR25331C0GJ0100
470
MCRR25471C0GJ0100
1,000
MCRR25102C0GJ0100
1,000
MCRR50102C0GJ0100
Dimensions : Millimetres
= Industry preferred values


Numéro de pièce similaire - MCRR25104Z5UM0050

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
MCR ROHM-MCR Datasheet
226Kb / 12P
   Thick Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
MCR MERITEK-MCR Datasheet
562Kb / 1P
   RC Network (Snubber Capacitor)
logo
Rohm
MCR ROHM-MCR Datasheet
1Mb / 10P
   Thick film chip resistors
logo
Vishay Siliconix
MCR VISHAY-MCR Datasheet
167Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular, Metal Case, MCRL
logo
Cooper Bussmann, Inc.
MCR-1-16 COOPER-MCR-1-16 Datasheet
82Kb / 2P
   Subminiature Through Hole
More results

Description similaire - MCRR25104Z5UM0050

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com