Moteur de recherche de fiches techniques de composants électroniques |
|
UC2845DTR Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
UC2845DTR Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 28 page PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-8670401PA ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 8670401PA UC1842 5962-8670401XA ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 8670401XA UC1842L/ 883B 5962-8670402PA ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 8670402PA UC1843 5962-8670402XA ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 8670402XA UC1843L/ 883B 5962-8670403PA ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 8670403PA UC1844 5962-8670403XA ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 8670403XA UC1844L/ 883B 5962-8670404DA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type 5962-8670404DA UC1845W/883B 5962-8670404PA ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 8670404PA UC1845 5962-8670404XA ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 8670404XA UC1845L/ 883B UC1842J ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 UC1842J UC1842J883B ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 8670401PA UC1842 UC1842L883B ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 8670401XA UC1842L/ 883B UC1842W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 UC1842W |
Numéro de pièce similaire - UC2845DTR |
|
Description similaire - UC2845DTR |