Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2834QG3 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce UC2834QG3
Description  High Efficiency Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2834QG3 Fiches technique(HTML) 5 Page - Texas Instruments

  UC2834QG3 Datasheet HTML 1Page - Texas Instruments UC2834QG3 Datasheet HTML 2Page - Texas Instruments UC2834QG3 Datasheet HTML 3Page - Texas Instruments UC2834QG3 Datasheet HTML 4Page - Texas Instruments UC2834QG3 Datasheet HTML 5Page - Texas Instruments UC2834QG3 Datasheet HTML 6Page - Texas Instruments UC2834QG3 Datasheet HTML 7Page - Texas Instruments UC2834QG3 Datasheet HTML 8Page - Texas Instruments UC2834QG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UC1834
UC2834
UC3834
Both the current sense and error amplifiers on the UC1834
are transconductance type amplifiers. As a result, their volt-
age gain is a direct function of the load impedance at their
shared output pin, Pin 14. Their small signal voltage gain as
a function of load and frequency is nominally given by;
AV E ⁄ A
=
ZL
(f)
700
and AV C. S. ⁄ A
=
ZL
(f)
70
for: f
≤ 500kHz and |ZL(f)| ≤ 1 MΩ
Where:
AV=Small Signal Voltage Gain to pin 14.
ZL(f) = Load Impedance at Pin 14.
The UC1834 fault delay circuitry prevents the fault outputs
from responding to transient fault conditions. The delay reset
latch insures that the full, user defined, delay passes before an
over-voltage fault response occurs. This prevents unnecessary
crowbar, or latched-off conditions, from occurring following
sharp under-voltage to over-voltage transients.
The crowbar output on the UC1834 is activated following a
sustained over-voltage condition. The crowbar output remains
high as long as the fault condition persists, or, as long as the
over-voltage latch is set. The latch is set with an over-voltage
fault if the voltage at Pin 15 is above the latch reset threshold,
typically 0.4V. When the latch is set, its Q
− output will pull Pin
15 low through a series diode. As long as a nominal pull-up
load exists, the series diode prevents Q
− from pulling Pin 15
below the reset threshold. However, Pin 15 is pulled low
enough to disable the driver outputs if Pins 15 and 14 are
tied together. With Pin 15 and 14 common, the regulator
will latch off in response to an over-voltage fault. If the
fault condition is cleared and Pins 14 and 15 are momen-
tarily pulled below the latch reset threshold, the driver out-
puts are re-enabled.
APPLICATION INFORMATION
Foldback Current Limiting
Setting the Threshold Adjust Voltage (VADJ)
5


Numéro de pièce similaire - UC2834QG3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2834Q TI-UC2834Q Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC2834QTR TI-UC2834QTR Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
More results

Description similaire - UC2834QG3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834 TI-UC1834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Advanced Monolithic Sys...
AMS1084CT ADMOS-AMS1084CT Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
logo
Torex Semiconductor
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com