Moteur de recherche de fiches techniques de composants électroniques |
|
UC2845P Fiches technique(PDF) 10 Page - Texas Instruments |
|
UC2845P Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 28 page PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples UC1843J ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 UC1843J UC1843J883B ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 8670402PA UC1843 UC1843L ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 UC1843L UC1843L883B ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 8670402XA UC1843L/ 883B UC1843W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 UC1843W UC1844J ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 UC1844J UC1844J883B ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 8670403PA UC1844 UC1844L883B ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 8670403XA UC1844L/ 883B UC1845J ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 UC1845J UC1845J883B ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 8670404PA UC1845 UC1845L ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 UC1845L UC1845L883B ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 8670404XA UC1845L/ 883B UC1845W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 UC1845W UC1845W883B ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type 5962-8670404DA UC1845W/883B UC2842D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 UC2842D UC2842D8 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 UC2842 D8 |
Numéro de pièce similaire - UC2845P |
|
Description similaire - UC2845P |