Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ6.5CA Fiches technique(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd |
|
SMAJ6.5CA Fiches technique(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd |
4 / 8 page Circuit Protection System Page:3 Specifications are subject to change without notice. Please refer to http://www.ruilon.com for current information. Transient Voltage Suppressors - SMAJ Series Ratings and Characteristic Curves Figure 1 - Peak Pulse Power Rating Curve Figure 2 - Pulse Derating Curve Figure 3 - Pulse Waveform Figure 4 - Typical Junction Capacitance Figure 5 - Steady State Power Derating Curve Figure 6 - Maximum Non-Repetitive Peak Forward Surge Current 0 20 40 60 80 100 0 25 50 75 100 125 150 175 T A-Ambient temperature (ºC) 1 10 100 1000 10000 1.0 10.0 100.0 1000.0 Tj=25ºC f=1.0MHz Vsig=50mVp-p Uni-directional V=0V Bi-directional V=0V Uni-directional @VR Bi-directional @VR V BR - Reverse Breakdown Voltage (V) 0.1 1 10 0.000001 0.00001 0.0001 0.001 t d-Pulse Width (sec.) 0.2x0.2" (5.0x5.0mm) Copper Pad Area 0 0 50 100 150 1.0 2.0 3.0 4.0 tr=10µsec Peak Value IPPM IPPM 2 TJ=25°C as the point where the peak current decays to 50% of IPPM 10/1000µsec. Waveform td t-Time (ms) Half Value IPPM ( ) 0 0.2 0.4 0.6 0.8 1 1.2 0 25 50 75 100 125 150 175 T A - Ambient Temperature (ºC) 0 5 10 15 20 25 30 35 40 45 0 0 1 0 1 1 Number of Cycles at 60 Hz |
Numéro de pièce similaire - SMAJ6.5CA |
|
Description similaire - SMAJ6.5CA |