Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCE75A Fiches technique(PDF) 7 Page - Ruilongyuan Electronics Co.,Ltd

No de pièce LCE75A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RUILON [Ruilongyuan Electronics Co.,Ltd]
Site Internet  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

LCE75A Fiches technique(HTML) 7 Page - Ruilongyuan Electronics Co.,Ltd

  LCE75A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd LCE75A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd LCE75A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd LCE75A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd LCE75A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd LCE75A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd LCE75A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Circuit Protection
System
Page:6
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
RuiLongYuan Electronics Co., Ltd.
· Reproducing and modifying information of the document is prohibited without permission from
Ruilongyuan International Inc.
· Ruilongyuan International Inc. reserves the rights to make changes of the content herein the document anytime
without notification. Please refer to our website for the latest document.
· Ruilongyuan International Inc. disclaims any and all liability arising out of the application or use of any product
including damages incidentally and consequentially occurred.
· Ruilongyuan International Inc. does not assume any and all implied warranties, including warranties of fitness
for particular purpose, non-infringement and merchantability.
· Applications shown on the herein document are examples of standard use and operation. Customers are responsible
in comprehending the suitable use in particular applications.Ruilongyuan International Inc. makes no representation or
warranty that such applications will be suitable for the specifed use without further testing or modifcation.
· The products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to
human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation
equipment,aerospace machinery et cetera. Customers using or selling these products for use in such applications do so at
their own risk and agree to fullyindemnify Ruilongyuan International Inc. for any damages resulting from such improper use or
sale.
Tel: +86-755-8290 8296
Fax: +86-755-8290 8002
E-mail: jack@ruilon.com


Numéro de pièce similaire - LCE75A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
LCE75A EIC-LCE75A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
LCE75A ANOVA-LCE75A Datasheet
283Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Microsemi Corporation
LCE75A MICROSEMI-LCE75A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
UN Semiconducctor INC
LCE75A UNSEMI-LCE75A Datasheet
3Mb / 6P
   6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Littelfuse
LCE75A LITTELFUSE-LCE75A Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
More results

Description similaire - LCE75A

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com