Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2906A Fiches technique(PDF) 2 Page - Boca Semiconductor Corporation

No de pièce 2N2906A
Description  PNP SILICON PLANAR SWITCHING TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOCA [Boca Semiconductor Corporation]
Site Internet  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

2N2906A Fiches technique(HTML) 2 Page - Boca Semiconductor Corporation

  2N2906A Datasheet HTML 1Page - Boca Semiconductor Corporation 2N2906A Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
2N2906A-07A
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
DYNAMIC CHARACTERISTICS
Transition Frequency
ft **
IC=50mA, VCE=20V,f=100MHz
200
-
MHz
Out-Put Capacitance
Cob
VCB=10V, IE=0,f=100kHz
-
8.0
pF
Input Capacitance
Cib
VBE=2V, IC=0, f=100kHz
-
30
pF
Switching Time
Delay time
td
IC=150mA,IB1=15mA
-
10
ns
Rise time
tr
VCC=30V
-
40
ns
Turn-On Time
ton
45
ns
Storage time
ts
IC=150mA, IB1=IB2=15mA
-
80
ns
Fall time
tf
VCC=6V
-
30
ns
Turn-Off Time
toff
-
100
ns
*Pulse Test :-Pulse Width=300us, Duty Cycle=2%
**ft is defined as the frequency at which \hfe/ extrapolates to unity
TO-18 Metal Can Package
G
1
2
3
H
J
L
A
D
B
DIM
M IN
M A X
A
5.24
5.84
B
4.52
4.97
C
4.31
5.33
D
0.40
0.53
E—
0.76
F—
1.27
G—
2.97
H
0.91
1.17
J
0.71
1.21
K12.70
L45 DE G
PIN CONFIGURATION
1. EM ITTER
2. BASE
3. COLLECTOR
1
2
3
TO-18
1K/polybag
350 gm/1K pcs
3" x 7.5" x 7.5"
5.0K
17" x 15" x 13.5"
80.0K
34 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 2 of 3
http://www.bocasemi.com
page: 2


Numéro de pièce similaire - 2N2906A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2N2906A PHILIPS-2N2906A Datasheet
52Kb / 8P
   PNP switching transistors
1997 Jun 02
logo
Comset Semiconductor
2N2906A COMSET-2N2906A Datasheet
151Kb / 3P
   GENERAL PURPOSE AMPLIFIERS TRANSISTORS
logo
Semicoa Semiconductor
2N2906A SEMICOA-2N2906A Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
logo
Continental Device Indi...
2N2906A CDIL-2N2906A Datasheet
232Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
2N2906A SIEMENS-2N2906A Datasheet
130Kb / 5P
   PNP SILICON PLANAR TRANSISTORS
More results

Description similaire - 2N2906A

FabricantNo de pièceFiches techniqueDescription
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906A CDIL-2N2906A Datasheet
232Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N3496 CDIL-2N3496 Datasheet
196Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904 CDIL-2N2904 Datasheet
80Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
BSS80B ZETEX-BSS80B Datasheet
29Kb / 1P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
2N3905 CDIL-2N3905 Datasheet
359Kb / 5P
   PNP SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com