Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP27EPZ1 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce OP27EPZ1
Description  Low Noise, Precision Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP27EPZ1 Fiches technique(HTML) 1 Page - Analog Devices

  OP27EPZ1 Datasheet HTML 1Page - Analog Devices OP27EPZ1 Datasheet HTML 2Page - Analog Devices OP27EPZ1 Datasheet HTML 3Page - Analog Devices OP27EPZ1 Datasheet HTML 4Page - Analog Devices OP27EPZ1 Datasheet HTML 5Page - Analog Devices OP27EPZ1 Datasheet HTML 6Page - Analog Devices OP27EPZ1 Datasheet HTML 7Page - Analog Devices OP27EPZ1 Datasheet HTML 8Page - Analog Devices OP27EPZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Noise, Precision
Operational Amplifier
OP27
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise: 80 nV p-p (0.1 Hz to 10 Hz), 3 nV/√Hz
Low drift: 0.2 μV/°C
High speed: 2.8 V/μs slew rate, 8 MHz gain bandwidth
Low VOS: 10 μV
Excellent CMRR: 126 dB at VCM of ±11 V
High open-loop gain: 1.8 million
Fits OP07, 5534A sockets
Available in die form
GENERAL DESCRIPTION
The OP27 precision operational amplifier combines the low
offset and drift of the OP07 with both high speed and low noise.
Offsets down to 25 μV and maximum drift of 0.6 μV/°C make
the OP27 ideal for precision instrumentation applications.
Exceptionally low noise, en = 3.5 nV/√Hz, at 10 Hz, a low 1/f
noise corner frequency of 2.7 Hz, and high gain (1.8 million),
allow accurate high-gain amplification of low-level signals.
A gain-bandwidth product of 8 MHz and a 2.8 V/μs slew rate
provide excellent dynamic accuracy in high speed, data-
acquisition systems.
A low input bias current of ±10 nA is achieved by use of a bias
current cancellation circuit. Over the military temperature
range, this circuit typically holds IB and IOS to ±20 nA
and 15 nA, respectively.
The output stage has good load driving capability. A guaranteed
swing of ±10 V into 600 Ω and low output distortion make the
OP27 an excellent choice for professional audio applications.
(Continued on Page 3)
PIN CONFIGURATIONS
V+
OUT
NC
4V– (CASE)
BAL
BAL 1
–IN 2
+IN 3
OP27
NC = NO CONNECT
Figure 1. 8-Lead TO-99 (J-Suffix)
8
7
6
5
1
2
3
4
NC = NO CONNECT
VOS TRIM
–IN
+IN
VOS TRIM
V+
OUT
NC
V–
OP27
Figure 2. 8-Lead CERDIP – Glass Hermetic Seal (Z-Suffix),
8-Lead PDIP (P-Suffix),
8-Lead SO (S-Suffix)
FUNCTIONAL BLOCK DIAGRAM
VOS ADJ.
NONINVERTING
INPUT (+)
INVERTING
INPUT (–)
V–
V+
Q2B
R21
Q3
Q2A
Q1A
Q1B
R4
R11
R3
18
.
R1 AND R2 ARE PERMANENTLY
ADJUSTED AT WAFER TEST FOR
MINIMUM OFFSET VOLTAGE
1
Q6
Q21
C2
R23
R24
Q23
Q24
Q22
R5
Q11 Q12
Q27
Q28
C1
R9
R12
C3
C4
Q26
Q20
Q19
Q46
Q45
OUTPUT
Figure 3.


Numéro de pièce similaire - OP27EPZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP27EPZ1 AD-OP27EPZ1 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

Description similaire - OP27EPZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com