Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2021D Fiches technique(PDF) 2 Page - ATMEL Corporation |
|
TPS2021D Fiches technique(HTML) 2 Page - ATMEL Corporation |
2 / 4 page Your Electronic Engineering Resource Legal Disclaimer: The content of the pages of this website is for your general information and use only. It is subject to change without notice. From time to time, this website may also include links to other websites. These links are provided for your convenience to provide further information. They do not signify that we endorse the website(s). We have no responsibility for the content of the linked website(s). Your use of any information or materials on this website is entirely at your own risk, for which we shall not be liable. It shall be your own responsibility to ensure that any products, services or information available through this website meet your specific requirements. Four Universal Synchronous/Asynchronous Receiver/Transmitters (USART) Two Master/Slave Serial Peripheral Interfaces (SPI) with Chip Select Signals One Synchronous Serial Protocol Controller Two Master/Slave Two-Wire Interface (TWI), 400kbit/s I2C-compatible On-Chip Debug System (JTAG interface) 110 General Purpose Input/Output (GPIOs) 144-pin TBGA and LQFP Single 3.3V Power Supply Ordering Information: Products: Part Number Manufacturer Farnell P/N Newark P/N ATEVK1104 Atmel 1715477 15R0260 Associated Products: Part Number Manufacturer Description Farnell P/N Newark P/N AVRONE-PSU Atmel PSU for AVRONE 1715521 15R0340 ATJTAGICE2 Atmel Development Kit, Debug Tool 9171100 23M5050 ATJTAGICE2 - JMS2206 Atmel Test Board Kit, Combo 1526599 73M8851 AT32UC3A3256-AL UT Atmel MCU,32BIT,AVR32,256K FLASH, 144LQFP 1715452 15R0316 AT45DB642D-TU Atmel Data Flash 64MB 1095799 89K8481 MT48LC16M16A2P- 75:D Micron SDRAM 256MB 1216280 97K6120 TPS2112APW TI Multiplexer IC 1412179 01J0958 TPS62040DRCR TI TPS62040DRC - 1.2 A 1.25 MHZ, High Efficiency 1412547 87H2901 QT60168-ASG Atmel Touch sensor 1099146 97K8272 TPS2021D TI Power distribution switches 1755292 62M0669 TPA6130A2RTJR TI Amplifier with I2C volume control 1575067 34M0132 AT32UC3B1256-AU T Atmel MCU,32BIT,AVR32,256K FLASH,48TQFP 1715454 15R0318 |
Numéro de pièce similaire - TPS2021D |
|
Description similaire - TPS2021D |