Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8591 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8591
Description  CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8591 Fiches technique(HTML) 5 Page - Analog Devices

  AD8591 Datasheet HTML 1Page - Analog Devices AD8591 Datasheet HTML 2Page - Analog Devices AD8591 Datasheet HTML 3Page - Analog Devices AD8591 Datasheet HTML 4Page - Analog Devices AD8591 Datasheet HTML 5Page - Analog Devices AD8591 Datasheet HTML 6Page - Analog Devices AD8591 Datasheet HTML 7Page - Analog Devices AD8591 Datasheet HTML 8Page - Analog Devices AD8591 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8591/AD8592/AD8594
Rev. B | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND to VS
Differential Input Voltage
±6 V
Output Short-Circuit Duration to GND1
Observe Derating Curves
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4.
Package Type
θJA
θJC
Unit
6-Lead SOT-23 (RJ)
230
92
°C/W
10-Lead MSOP (RM)
200
44
°C/W
16-Lead SOIC (R)
120
36
°C/W
16-Lead TSSOP (RU)
180
35
°C/W
1 For supplies less than ±5 V, the differential input voltage is limited to the
supplies.
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Numéro de pièce similaire - AD8591

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8591 AD-AD8591 Datasheet
706Kb / 20P
   Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
AD8591 AD-AD8591 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
AD8591ART AD-AD8591ART Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8591ART-REEL AD-AD8591ART-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
More results

Description similaire - AD8591

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8591 AD-AD8591_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com