Moteur de recherche de fiches techniques de composants électroniques |
|
TC6501P125VCTRT Fiches technique(PDF) 10 Page - Microchip Technology |
|
TC6501P125VCTRT Fiches technique(HTML) 10 Page - Microchip Technology |
10 / 17 page TC6501/2/3/4 DS21451D-page 10 2004 Microchip Technology Inc. 5-Lead Plastic Small Outline Transistor (CT) (SOT-23) 10 5 0 10 5 0 β Mold Draft Angle Bottom 10 5 0 10 5 0 α Mold Draft Angle Top 0.50 0.43 0.35 .020 .017 .014 B Lead Width 0.20 0.15 0.09 .008 .006 .004 c Lead Thickness 10 5 0 10 5 0 φ Foot Angle 0.55 0.45 0.35 .022 .018 .014 L Foot Length 3.10 2.95 2.80 .122 .116 .110 D Overall Length 1.75 1.63 1.50 .069 .064 .059 E1 Molded Package Width 3.00 2.80 2.60 .118 .110 .102 E Overall Width 0.15 0.08 0.00 .006 .003 .000 A1 Standoff § 1.30 1.10 0.90 .051 .043 .035 A2 Molded Package Thickness 1.45 1.18 0.90 .057 .046 .035 A Overall Height 1.90 .075 p1 Outside lead pitch (basic) 0.95 .038 p Pitch 5 5 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS INCHES* Units 1 p D B n E E1 L c β φ α A2 A A1 p1 * Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010” (0.254mm) per side. JEDEC Equivalent: MO-178 Drawing No. C04-091 § Significant Characteristic |
Numéro de pièce similaire - TC6501P125VCTRT |
|
Description similaire - TC6501P125VCTRT |