Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP0115CAC1CC-C2 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce FP0115CAC1CC-C2
Description  Distinctive Characteristics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FP0115CAC1CC-C2 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  FP0115CAC1CC-C2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP0115CAC1CC-C2 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP0115CAC1CC-C2 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP0115CAC1CC-C2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series FP01
Contactless Pushbuttons
D
www.nkk.com
D6
Actuator Up
Actuator Down
Status of Photo Interrupter:
Unshaded
Shaded
Collector Current I
C:
0.8mA minimum
10µA maximum
Status of Photo Transistor:
On
Off
Output Condition of Photo Transistor:
I
F = 20mA & VCE = 5V
SWITCH SPECIFICATIONS
Total Travel:
.079” (2.0mm)
Operating Force:
0.75 N (.169 lbf)
Mechanical Life:
3,000,000 operations minimum
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F)
MECHANICAL SPECIFICATIONS
Actuator:
Polyacetal
Housing:
Polyamide
MATERIALS
PHOTO INTERRUPTER SPECIFICATIONS
Electrical & Optical Characteristics
Typical
Maximum
Condition
Input
Forward Voltage V
F:
1.3V
1.6V
I
F = 50mA
Reverse Current I
R:
10µA
F
R = 5V
Transmission
Collector-Emitter Saturation Voltage V
CE sat:
0.4V
I
F = 20mA & IC = 0.1mA
Absolute Maximum Ratings
Input LED
Output Photo Transistor
Forward Current I
F:
50mA
Collector-Emitter Voltage V
CEO:
30V
Reverse Voltage V
R:
5V
Emitter-Collector Voltage V
ECO:
4.5V
Power Dissipation P
D:
80mW
Collector Current I
C:
30mA
Collector Dissipation P
C:
80mW
Circuit Design Considerations
Output of the infrared LED in the photo interrupter
decreases approximately 50% after 100,000 hours.
Recommended load resistance (RL) is 40k ~ 120kΩ
for the illustrated circuit.
(Temperature @ 25°C)
Color
Red
Amber
Green
Forward Peak Current
I
FM
30mA
25mA
25mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.85V
2.0V
2.25V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction
Rate Above 25°C
∆I
F
0.38mA
/°C
0.28mA
/°C
0.40mA
/°C
Ambient Temperature Range
–25° ~ +50°C
C
LED COLORS & SPECIFICATIONS
Single Element LED
D
F
LEDs are an integral
part of the switch and
not available separately.
The electrical speci-
fications shown are
determined at a basic
temperature of 25°C.
If the source voltage
exceeds the rated
voltage, a ballast
resistor is required.
VF
I F
R
+
E
Anode
Cathode
R =
E – VF
IF
Where: R
E
V
F
I
F
= Resistor Value (Ohms)
= Source Voltage (V)
= Forward Voltage (V)
= Forward Current (A)
180
GND
VOUT
RL
V = 5V
CC
Threshold Voltage
VHI: 3.8V
VLO: 1.0V
1
2
3
4


Numéro de pièce similaire - FP0115CAC1CC-C2

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
FP0115CAC1CC-C2 NKK-FP0115CAC1CC-C2 Datasheet
179Kb / 5P
   Contactless Pushbuttons
FP0115CAC1CC-C2 NKK-FP0115CAC1CC-C2 Datasheet
186Kb / 4P
   Contactless Pushbuttons
FP0115CAC1CC-C2 NKK-FP0115CAC1CC-C2 Datasheet
176Kb / 4P
   Distinctive Characteristics
More results

Description similaire - FP0115CAC1CC-C2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com