Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7713ANZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7713ANZ
Description  Loop-Powered Signal Conditioning ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7713ANZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7713ANZ Datasheet HTML 2Page - Analog Devices AD7713ANZ Datasheet HTML 3Page - Analog Devices AD7713ANZ Datasheet HTML 4Page - Analog Devices AD7713ANZ Datasheet HTML 5Page - Analog Devices AD7713ANZ Datasheet HTML 6Page - Analog Devices AD7713ANZ Datasheet HTML 7Page - Analog Devices AD7713ANZ Datasheet HTML 8Page - Analog Devices AD7713ANZ Datasheet HTML 9Page - Analog Devices AD7713ANZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
REV. D
–6–
AD7713
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7713 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
2.1V
1.6mA
200 A
TO OUTPUT PIN
100pF
Figure 1. Load Circuit for Access Time and Bus Relinquish Time
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AIN1, AIN2 Input Voltage
to AGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
AIN3 Input Voltage to AGND . . . . . . . . . . . . –0.3 V to +22 V
Reference Input Voltage to AGND . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . . –0.3 V to AVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
Operating Temperature Range
Commercial (A Version) . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
PDIP Package, Power Dissipation . . . . . . . . . . . . . . . . 450 mW
JAThermal Impedance . . . . . . . . . . . . . . . . . . . . . . 105
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . 260
°C
CERDIP Package, Power Dissipation . . . . . . . . . . . . . 450 mW
JAThermal Impedance . . . . . . . . . . . . . . . . . . . . . . . 70
°C/W
Lead Temperature, Soldering . . . . . . . . . . . . . . . . . . 300
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . . 450 mW
JAThermal Impedance . . . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Power Dissipation (Any Package) to 75
°C . . . . . . . . . . 450 mW
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Model
Range
Package Option
*
AD7713AN
–40
°C to +85°C
N-24
AD7713AR
–40
°C to +85°C
RW-24
AD7713AR-REEL
–40
°C to +85°C
RW-24
AD7713AR-REEL7
–40
°C to +85°C
RW-24
AD7713AQ
–40
°C to +85°C
Q-24
AD7713SQ
–55
°C to +125°C
Q-24
*N = PDIP; Q = CERDIP; RW = SOIC.


Numéro de pièce similaire - AD7713ANZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7713AN AD-AD7713AN Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7713AN AD-AD7713AN Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AN AD-AD7713AN Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AN AD-AD7713AN Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
More results

Description similaire - AD7713ANZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
AD7713 AD-AD7713_15 Datasheet
271Kb / 28P
   Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713 Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com