Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF1G Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce UF1G
Description  1.0 AMP. Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF1G Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UF1G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF1G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UF1G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UF1G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
creat by art
Glass passivated chip junction
Excellent high temperature switching
Ultrafast recovery time for high efficiency
Soft recovery characteristics
UF1A
DO-41
3K / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
UF1A
UF1B
UF1D
UF1G
UF1J
UF1K
UF1M
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Trr
nS
Cj
pF
TJ, TSTG
OC
Version:E13
A0G
52mm
UF1A - UF1M
1.0 AMP. Glass Passivated High Efficient Rectifiers
DO-41/DO-204AL
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V0
Packing code
Packing code
(Green)
ldally suited for use in very high frequency
switching power supplies, inverters and as free
wheeling diodes
High temperature soldering guaranteed:
260
oC/10 seconds
Green compound with suffix "G" on packing
code & prefix "G" on datecode.
Mechanical Data
Case: JEDEC DO-204AL molded plastic body over
passivated chip
Terminals: Pure tin plate, lead free, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode
Weight: 0.34 grams
Parameter
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
INNER
TAPE
A0
Maximum DC Blocking Voltage
Ordering Information (example)
Part No.
Package
Packing
Maximum Average Forward Rectified Current
1
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
1.0
1.7
V
Maximum DC Reverse Current at
@ TA=25 ℃
Rated DC Blocking Voltage
@ TA=125 ℃
IR
5
uA
uA
150
Maximum Reverse Recovery Time (Note 2)
50
75
Typical Junction Capacitance (Note 3)
17
Typical Thermal Resistance
RθJA
RθJL
60
15
OC/W
Operating/Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.


Numéro de pièce similaire - UF1G

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
UF1G PANJIT-UF1G Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF1G CHONGQING-UF1G Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
logo
Microdiode Electronics ...
UF1G CHENDA-UF1G Datasheet
535Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Surge Components
UF1G SURGE-UF1G Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
CHENG-YI ELECTRONIC CO....
UF1G CHENG-YI-UF1G Datasheet
125Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Description similaire - UF1G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101SG LUGUANG-HER101SG Datasheet
1Mb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A Datasheet
247Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160A TSC-MUR160A_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com