Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8182AR-REEL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8182AR-REEL
Description  750 MHz, 3.8 mA 10 ns Switching Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8182AR-REEL Fiches technique(HTML) 5 Page - Analog Devices

  AD8182AR-REEL Datasheet HTML 1Page - Analog Devices AD8182AR-REEL Datasheet HTML 2Page - Analog Devices AD8182AR-REEL Datasheet HTML 3Page - Analog Devices AD8182AR-REEL Datasheet HTML 4Page - Analog Devices AD8182AR-REEL Datasheet HTML 5Page - Analog Devices AD8182AR-REEL Datasheet HTML 6Page - Analog Devices AD8182AR-REEL Datasheet HTML 7Page - Analog Devices AD8182AR-REEL Datasheet HTML 8Page - Analog Devices AD8182AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD8180/AD8182
–5–
REV. B
FREQUENCY – Hz
0.1M
1G
1M
10M
100M
–10
–20
–110
–30
–40
–50
–60
–70
–80
–90
–100
VIN = 0.707V rms
RL = 1k
AD8182R
AD8180R
OUT A
OUT B
50
VIN
50
1
3
5
7
50
AD8182
1k
1k
Figure 13. All-Hostile Crosstalk vs. Frequency
FREQUENCY – Hz
0.03M
1G
0.1M
1M
10M
100M
–10
–20
–110
–30
–40
–50
–60
–70
–80
–90
–100
ALL INPUTS = 0.446V rms
RL = 30
8180R OR
8182R
ENABLE A = LOGIC 1
ENABLE B = LOGIC 0
50
VIN
50
8182R
ENABLE A/B = LOGIC 1
AD8182
OUT A
OUT B
30
30
Figure 14. “OFF” Isolation vs. Frequency
FREQUENCY – Hz
100
10
1
10
1M
100
1k
10k
100k
10M 30M
Figure 15. Voltage Noise vs. Frequency
50mV
/DIV
5ns/DIV
Figure 10. Small Signal Transient Response
500mV
/DIV
5ns/DIV
Figure 11. Large Signal Transient Response
0.020
0.015
0.010
0.005
0.000
–0.005
–0.010
–0.015
–0.020
0.02
0.01
0.00
–0.01
–0.02
1
2
3
4
5
678
9
10
11
IRE
1
2
3
4
5
678
9
10
11
IRE
RL = 1k
NTSC
Figure 12. Differential Gain and Phase Error


Numéro de pièce similaire - AD8182AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8182AR-REEL AD-AD8182AR-REEL Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL AD-AD8182AR-REEL Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL7 AD-AD8182AR-REEL7 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL7 AD-AD8182AR-REEL7 Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
More results

Description similaire - AD8182AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
   1 MHz, 750 mA Buck Regulator
REV. PrK 3/28/02
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com