Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8185-EVAL Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8185-EVAL
Description  380 MHz, 25 mA, Triple 2:1 Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8185-EVAL Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8185-EVAL Datasheet HTML 3Page - Analog Devices AD8185-EVAL Datasheet HTML 4Page - Analog Devices AD8185-EVAL Datasheet HTML 5Page - Analog Devices AD8185-EVAL Datasheet HTML 6Page - Analog Devices AD8185-EVAL Datasheet HTML 7Page - Analog Devices AD8185-EVAL Datasheet HTML 8Page - Analog Devices AD8185-EVAL Datasheet HTML 9Page - Analog Devices AD8185-EVAL Datasheet HTML 10Page - Analog Devices AD8185-EVAL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
AD8183/AD8185
–7–
FREQUENCY – MHz
–40
0.1
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1
10
100
500
Figure 21. AD8183 Off Isolation, Input–Output
FREQUENCY – MHz
–10
0.1
0
10
20
30
40
50
60
70
80
1
10
100
–PSRR
+PSRR
Figure 22. AD8183 PSRR vs. Frequency
FREQUENCY – Hz
170
10
1k
10k
100k
1M
10M
150
130
110
90
70
50
30
10
100
Figure 23. AD8183 Voltage Noise vs. Frequency
FREQUENCY – MHz
–40
0.1
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1
10
100
500
Figure 24. AD8185 Off Isolation, Input–Output
FREQUENCY – MHz
–10
0.1
0
10
20
30
40
50
60
70
80
1
10
100
+PSRR
–PSRR
Figure 25. AD8185 PSRR vs. Frequency
10
1k
10k
100k
1M
10M
100
FREQUENCY – Hz
170
150
130
110
90
70
50
30
10
Figure 26. AD8185 RTI Voltage Noise vs. Frequency


Numéro de pièce similaire - AD8185-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8185-EVAL AD-AD8185-EVAL Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
More results

Description similaire - AD8185-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185ARUZ AD-AD8185ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183 Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185 AD-AD8185_15 Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2 1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com