Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZTA14T1 Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce PZTA14T1
Description  SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZTA14T1 Fiches technique(HTML) 4 Page - Motorola, Inc

  PZTA14T1 Datasheet HTML 1Page - Motorola, Inc PZTA14T1 Datasheet HTML 2Page - Motorola, Inc PZTA14T1 Datasheet HTML 3Page - Motorola, Inc PZTA14T1 Datasheet HTML 4Page - Motorola, Inc PZTA14T1 Datasheet HTML 5Page - Motorola, Inc PZTA14T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PZTA14T1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
INFORMATION FOR USING THE SOT-223 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
0.079
2.0
0.15
3.8
0.248
6.3
0.079
2.0
0.059
1.5
0.059
1.5
0.059
1.5
0.091
2.3
mm
inches
0.091
2.3
SOT-223
SOT-223 POWER DISSIPATION
The power dissipation of the SOT-223 is a function of the
pad size. This can vary from the minimum pad size for
soldering to a pad size given for maximum power dissipation.
Power dissipation for a surface mount device is determined
by TJ(max), the maximum rated junction temperature of the
die, R
θJA, the thermal resistance from the device junction to
ambient, and the operating temperature, TA. Using the
values provided on the data sheet for the SOT-223 package,
PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 1.5 watts.
PD =
150
°C – 25°C
83.3
°C/W
= 1.5 watts
The 83.3
°C/W for the SOT-223 package assumes the use
of the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 1.5 watts. There are
other alternatives to achieving higher power dissipation from
the SOT-223 package. One is to increase the area of the
collector pad. By increasing the area of the collector pad, the
power dissipation can be increased. Although the power
dissipation can almost be doubled with this method, area is
taken up on the printed circuit board which can defeat the
purpose of using surface mount technology. A graph of R
θJA
versus collector pad area is shown in Figure 7.
0.8 Watts
1.25 Watts*
1.5 Watts
°
A, Area (square inches)
0.0
0.2
0.4
0.6
0.8
1.0
160
140
120
100
80
Figure 7. Thermal Resistance versus Collector
Pad Area for the SOT-223 Package (Typical)
Board Material = 0.0625
G-10/FR-4, 2 oz Copper
TA = 25°C
*Mounted on the DPAK footprint
Another alternative would be to use a ceramic substrate or
an aluminum core board such as Thermal Clad
™. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.


Numéro de pièce similaire - PZTA14T1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZTA14 PHILIPS-PZTA14 Datasheet
44Kb / 8P
   NPN Darlington transistor
1999 Apr 14
logo
Jiangsu Changjiang Elec...
PZTA14 JIANGSU-PZTA14 Datasheet
1,007Kb / 1P
   TRANSISTOR (NPN)
logo
Siemens Semiconductor G...
PZTA14 SIEMENS-PZTA14 Datasheet
139Kb / 4P
   NPN Silicon Darlington Transistors
logo
Infineon Technologies A...
PZTA14 INFINEON-PZTA14 Datasheet
524Kb / 6P
   NPN Silicon Darlington Transistor
2011-10-04
logo
Fairchild Semiconductor
PZTA14 FAIRCHILD-PZTA14 Datasheet
55Kb / 3P
   NPN Darlington Transistor
More results

Description similaire - PZTA14T1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Diodes Incorporated
FZT1049A DIODES-FZT1049A_15 Datasheet
208Kb / 3P
   SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Motorola, Inc
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
logo
Diodes Incorporated
FZT1049A DIODES-FZT1049A Datasheet
208Kb / 3P
   SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1049ATC ZETEX-FZT1049ATC Datasheet
208Kb / 3P
   SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Motorola, Inc
PZT751T1 MOTOROLA-PZT751T1 Datasheet
119Kb / 6P
   SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com