Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQD12N20 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FQD12N20
Description  N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD12N20 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  FQD12N20 Datasheet HTML 1Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 2Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 3Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 4Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 5Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 6Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 7Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 8Page - Fairchild Semiconductor FQD12N20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Mechanical Dimensions
Dimension in Millimeters
TO-252 3L (DPAK)
Figure
16. TO252 (D-PAK), Molded, 3 Lead, Option AA&AB
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TT252-003
.
©2009 Fairchild Semiconductor Corporation
FQD12N20 / FQU12N20 Rev. C1
www.fairchildsemi.com
7


Numéro de pièce similaire - FQD12N20

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQD12N20 FAIRCHILD-FQD12N20 Datasheet
694Kb / 9P
   200V N-Channel MOSFET
FQD12N20 FAIRCHILD-FQD12N20 Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
logo
VBsemi Electronics Co.,...
FQD12N20 VBSEMI-FQD12N20 Datasheet
1,009Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQD12N20 ISC-FQD12N20 Datasheet
293Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD12N20L FAIRCHILD-FQD12N20L Datasheet
606Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

Description similaire - FQD12N20

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD10N20LTM FAIRCHILD-FQD10N20LTM Datasheet
765Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
FQT4N20LTF FAIRCHILD-FQT4N20LTF Datasheet
2Mb / 8P
   N-Channel QFET짰 MOSFET 200 V, 0.85 A, 1.40 廓
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com