Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS19376 Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS19376
Description  1A Step-down High Brightness LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19376 Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19376 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19376
1A Step-down High Brightness LED Driver
5/8
Version: A12
Application Information (Continue)
Shutdown mode
Taking the DIM pin to a voltage below 0.3V will turn off the output and the supply current will fall to a low standby
level of 70µA nominal.
Capacitor selection
A low ESR capacitor should be used for input decoupling, as the ESR of this capacitor appears in series with the
supply source impedance and lowers overall efficiency. This capacitor has to supply the relatively high peak current
to the coil and smooth the current ripple on the input supply. A minimum value of 4.7uF is acceptable if the input
source is close to the device, but higher values will improve performance at lower input voltages, especially when
the source impedance is high. The input capacitor should be placed as close as possible to the IC.
For maximum stability over temperature and voltage, capacitors with X7R, X5R, or better dielectric are
recommended. Capacitors with Y5V dielectric are not suitable for decoupling in this application and should not be
used.
Inductor selection
Recommended inductor values for the TS19376 are in the range 47uH to 120uH.
Higher values of inductance are recommended at lower output current in order to minimize errors due to switching
delays, which result in increased ripple and lower efficiency. Higher values of inductance also result in a smaller
change in output current over the supply voltage range. The inductor should be mounted as close to the device as
possible with low resistance connections to the SW and VIN pins.
Diode selection
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance Schottky diode with
low reverse leakage at the maximum operating voltage and temperature. They also provide better efficiency than
silicon diodes, due to a combination of lower forward voltage and reduced recovery time.
It is important to select parts with a peak current rating above the peak coil current and a continuous current rating
higher than the maximum output load current. It is very important to consider the reverse leakage of the diode
when operating above 85°C. Excess leakage will incr ease the power dissipation in the device and if close to the
load may create a thermal runaway condition.
The higher forward voltage and overshoot due to reverse recovery time in silicon diodes will increase the peak
voltage on the SW output. If a silicon diode is used, care should be taken to ensure that the total voltage appearing
on the SW pin including supply ripple, does not exceed the specified maximum value.
Reducing output ripple
Peak to peak ripple current in the LED(s) can be reduced, if required, by shunting a capacitor CLED across the
LED(s) as shown below:
A value of 1uF will reduce the supply ripple current by a factor three (approx.). Proportionally lower ripple can be
achieved with higher capacitor values. Note that the capacitor will not affect operating frequency or efficiency, but it
will increase start-up delay and reduce the frequency of dimming, by reducing the rate of rise of LED voltage.
By adding this capacitor the current waveform through the LED(s) changes from a triangular ramp to a more
sinusoidal version without altering the mean current value.


Numéro de pièce similaire - TS19376

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Description similaire - TS19376

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Huazhimei Semi...
HM4115 HMSEMI-HM4115 Datasheet
478Kb / 7P
   1A, Step-down High Brightness LED Driver
logo
Maxic Technology Corpor...
MT7210 MAXIC-MT7210 Datasheet
137Kb / 1P
   400V Step-down high brightness LED driver
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
logo
Advanced Power Electron...
APE1630 A-POWER-APE1630 Datasheet
612Kb / 11P
   32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
   60V 1A STEP-DOWN LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM4151 HMSEMI-HM4151 Datasheet
1Mb / 9P
   55V step-down, high brightness LED constant current driver
logo
Shanghai Consonance Ele...
CN5710 CONSONANCE-CN5710 Datasheet
153Kb / 8P
   1A High Brightness LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com