Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1910CSRLG Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS1910CSRLG
Description  680kHz/1.2MHz High Voltage Boost Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1910CSRLG Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1910CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS1910
680kHz/1.2MHz High Voltage Boost Converter
4/8
Version: A12
Application Circuit
FREQ=High (Frequency=1.2MHz)
R8
15K
VIN=5V
C2
2*10uF
L1
4.7uH
R2
130K
VOUT=12V
C7
100pF
U1
AX5510A
7
3
1
6
8
4
2
5
VCC
EN
COMP
FB
SS
GND
FREQ
LX
C4
0.1uF
C3
3*10uF
R6
100K
C6
10nF
D1
B340A
R3
R4
1M
C8
1nF
R8
R2
VOUT = 1.238V X (1 + ------- )
R8 Suggest 10K~30K
C1
220pF
VIN ≦ 4.5V, R3=10Ω
VIN > 4.5V, R3=100Ω
4.7~100Ω
FREQ=Low (Frequency=680KHz)
R8
15K
VIN=5V
C2
2*10uF
L1
6.8uH
R2
130K
VOUT=12V
C7
100pF
U1
AX5510A
7
3
1
6
8
4
2
5
VCC
EN
COMP
FB
SS
GND
FREQ
LX
C4
0.1uF
C3
3*10uF
R6
100K
C6
10nF
D1
B340A
R3
R4
1M
C8
1nF
R8
R2
VOUT = 1.238V X (1 + ------- )
R8 Suggest 10K~30K
R7
10K
C1
220pF
VIN ≦ 4.5V, R3=10Ω
VIN > 4.5V, R3=100Ω
4.7~100Ω


Numéro de pièce similaire - TS1910CSRLG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
TS1910ACSRLG TSC-TS1910ACSRLG Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
More results

Description similaire - TS1910CSRLG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
Advanced Power Electron...
APE1920 A-POWER-APE1920 Datasheet
1Mb / 16P
   680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
   1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
   1A, 1.2MHz Synchronous Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
   1.2MHz,30V/1A High Performance, Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com