Moteur de recherche de fiches techniques de composants électroniques |
|
TPPM0302DGNRG4 Fiches technique(PDF) 1 Page - Texas Instruments |
|
TPPM0302DGNRG4 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 16 page TPPM0302 400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK SLVS316 – NOVEMBER 2000 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Automatic Input Voltage Source Selection D Glitch-Free Regulated Output D 5-V Input Voltage Source Detector With Hysteresis D 400-mA Load Current Capability With 5-V or 3.3-V Input Source D Power OK Feature Based on Voltage Supervisor of 3.3VOUT D Low rDS(on) Auxiliary Switch D Thermally Enhanced PowerPAD™ Packaging Concept for Efficient Heat Management description The TPPM0302 is a low-dropout regulator with auxiliary power management that provides a constant 3.3-V supply at the output capable of driving a 400-mA load. The TPPM0302 provides a regulated power output for systems that have multiple input sources and require a constant voltage source with a low-dropout voltage. This is a single output, multiple input, intelligent power source selection device with a low-dropout regulator for either 5VCC or 5VAUX inputs, and a low-resistance bypass switch for the 3.3VAUX input. Transitions may occur from one input supply to another without generating a glitch, outside of the specification range, on the 3.3-V output. The device has an incorporated reverse blocking scheme to prevent excess leakage from the input terminals in the event that the output voltage is greater than the input voltage. The output voltage is continually monitored for constant output, and any deviation from the internal set limit ( ≈2.8 V) is reported by a low signal on the POK output. The input voltage is prioritized in the following order: 5VCC, 5VAUX, and 3.3VAUX. Copyright © 2000, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 8 7 6 5 1 2 3 4 DGN PACKAGE (TOP VIEW) 5VAUX 5VCC 3.3VOUT 3.3VAUX NC GND NC POK NC – No connect PowerPAD is a trademark of Texas Instruments. |
Numéro de pièce similaire - TPPM0302DGNRG4 |
|
Description similaire - TPPM0302DGNRG4 |