Moteur de recherche de fiches techniques de composants électroniques |
|
BC54-16PA Fiches technique(PDF) 4 Page - EPCOS |
|
BC54-16PA Fiches technique(HTML) 4 Page - EPCOS |
4 / 22 page 12 04/00 2 Electromagnetic compatibility (EMC) 2.1 Introduction For as long as electronic transmission equipment such as radio, television, and telephone has been in existence, it has had a history of susceptibility to interference from other electronic devices. Legal regulations on interference suppression (electromagnetic and radio frequency interference, EMI and RFI) have been in existence since 1928. These regulations protect transmission paths and re- ception equipment by limiting the emitted interference. In view of the increasing number of electrical and electronic appliances in use, not only the princi- ples of interference suppression must be observed, but also, in the sense of electromagnetic com- patibility (EMC), it must be ensured that all equipment is able to operate simultaneously without problems. EMC is defined as the ability of electrical equipment to function satisfactorily in its elec- tromagnetic environment without affecting other equipment in this environment to an impermissible extent. The European Communities’ EMC Directive (89/336/EEC) came into force on the 1. 1. 1996. It has been transformed into corresponding legislation in the individual EU (European Union) member states. With this, it has become mandatory to design electronic equipment to comply with the pro- tection objectives of this Directive; i.e. to meet the requirements for electromagnetic emission and electromagnetic immunity as laid down in the corresponding EN standards (European Standards). The concept of EMC includes both electromagnetic emission (EME) and electromagnetic immunity/ susceptibility (EMS), see fig. 3. Fig. 3 EMC terms An interference source may generate conducted or radiated electromagnetic energy, i.e. conducted emission (CE) or radiated emission (RE). This also applies to the propagation paths and to the elec- tromagnetic susceptibility of disturbed equipment. In order to work out economical solutions, it is necessary consider both phenomena, i.e. propaga- tion and susceptibility, to an equal extent, and not just one aspect, e.g. conducted emission. EMC = Electromagnetic compatibility EME = Electromagnetic emission EMS = Electromagnetic immunity/susceptibility CE = Conducted emission CS = Susceptibility to conducted emission RE = Radiated emission RS = Susceptibility to radiated emission EMC EME EMS CE CS RE RS Emission Susceptibility Conducted Radiated Interference source Disturbed equipment Propagation General Technical Information |
Numéro de pièce similaire - BC54-16PA |
|
Description similaire - BC54-16PA |