Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP54-16 Fiches technique(PDF) 6 Page - EPCOS

No de pièce BCP54-16
Description  45 V, 1 A NPN medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54-16 Fiches technique(HTML) 6 Page - EPCOS

Back Button BCP54-16 Datasheet HTML 2Page - EPCOS BCP54-16 Datasheet HTML 3Page - EPCOS BCP54-16 Datasheet HTML 4Page - EPCOS BCP54-16 Datasheet HTML 5Page - EPCOS BCP54-16 Datasheet HTML 6Page - EPCOS BCP54-16 Datasheet HTML 7Page - EPCOS BCP54-16 Datasheet HTML 8Page - EPCOS BCP54-16 Datasheet HTML 9Page - EPCOS BCP54-16 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
14
04/00
2.2
Interference sources and disturbed equipment
Interference source
An interference source is an electrical device or electrical equipment which emits electromagnetic
interference. We can differentiate between two main groups of interference sources corresponding
to the type of frequency spectrum emitted (fig. 5).
Fig. 5
Sources of interference
Interference sources with discrete frequency spectra (e.g. high frequency generators and micro-
processor systems) emit interference energy which is concentrated on narrow frequency bands.
Switchgear and electric motors in household appliances, however, distribute their interference en-
ergy over broad frequency bands and are considered to belong to the group of interference sources
having a continuous frequency spectrum.
µP systems
Switchgear (contactors, relays)
RF generators
Household appliances
Medical equipment
Gas discharge lamps
Data processing systems
Power supplies and battery chargers
Microwave equipment
Ignition systems
Ultrasonic equipment
Welding apparatus
RF welding apparatus
Motors with brushes
Radio and TV receivers
Oscillating drives
Switch-mode power supplies
Atmospheric discharges
Frequency converters
UPS systems
Electronic ballast circuits
Interference source (emission)
Discrete frequency spectrum
(Sine-wave, low energy)
Continuous frequency spectrum
(Impulses, high energy)
General Technical Information


Numéro de pièce similaire - BCP54-16

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCP54-16 PHILIPS-BCP54-16 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54-16 SIEMENS-BCP54-16 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP54-16 INFINEON-BCP54-16 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
NXP Semiconductors
BCP54-16 NXP-BCP54-16 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Infineon Technologies A...
BCP54-16 INFINEON-BCP54-16 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
More results

Description similaire - BCP54-16

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
NXP Semiconductors
BC54PA NXP-BC54PA Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com