Moteur de recherche de fiches techniques de composants électroniques |
|
CAR3100A18-8S Fiches technique(PDF) 4 Page - ITT Industries |
|
CAR3100A18-8S Fiches technique(HTML) 4 Page - ITT Industries |
4 / 34 page A-75 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A * 10SL is available in the following configurations only: 3100, 3101, 3102, pin contacts only and 3106 and 3108 socket contacts only CA /MS A&B Contact Cavity Arrangements 10SL-3 10SL-4 12S-3 14S-1 14S-2 14S-5 14S-6 14S-7 14S-9 16-9 16-10 16-11 A Service Rating AA A A A A A A Inst. Inst. Inst. A A A (B,C,F,G) Inst. (all others) D Inst. A A A DA AD D D A A A A A (C-F) D (A,B,G,F) DA A D A D D (H) A (all others) A D (G) A (all others) AA AA A Inst. AA A A 3 - #16 2 - #16 2 - #16 3 - #16 4 - #16 5 - #16 6 - #16 3 - #16 2 - #16 2 - #16 (B, D) 3 - #12 2 - #12 2 - #12 (A, C) 16S-1 16S-8 18-1 18-4 18-5 18-8 18-9 18-10 18-11 18-12 7 - #16 5 - #16 10 - #16 4 - #16 1 - #16 (A) 7 - #16 (A-G) 5 - #16 (B, C, E-G) 4 - #12 5 - #12 6 - #16 2 - #12 (B, C) 1 - #12 (H) 2 - #12 (A, D) 18-20 18-22 20-3 20-4 20-7 20-19 20-27 20-29 20-33 5 - #16 3 - #16 3 - #12 4 - #12 8 - #16 3 - #8 14 - #16 17 - #16 11 - #16 22-2 22-14 22-19 22-23 22-28 24-2 24-10 24-20 3 - #8 19 - #16 14 - #16 8 - #12 7 - #12 7 - #12 7 - #8 9 - #16 (A-D, G-L) 2 - #12 (E, F) 24-28 28-10 28-11 28-12 28-15 28-16 28-21 24 - #16 3 - #12 (A, F, G) 18 - #16 (A-I, N-X) 26 - #16 35 - #16 20 - #16 37 - #16 2 - #8 (B, E) 4 - #12 (J-M) 2 - #4 (C, D) 0 1 - 6 3 8 - 6 3 7 - 6 3 5 - 6 3 6 1 # - 8 4 ) z - Z , X - A ( 6 1 # - 6 4 ) s - a , Z - A ( 6 1 # - 0 4 0 # - 4 ) Y ( 2 1 # - 1 ) z -t ( 2 1 # - 7 ** ca_A1-A163.qxd:Layout 1 2/9/11 7:49 PM Page 75 |
Numéro de pièce similaire - CAR3100A18-8S |
|
Description similaire - CAR3100A18-8S |