Moteur de recherche de fiches techniques de composants électroniques |
|
CA02COM-F18-1PW-B-03 Fiches technique(PDF) 2 Page - ITT Industries |
|
CA02COM-F18-1PW-B-03 Fiches technique(HTML) 2 Page - ITT Industries |
2 / 42 page All dimensions are in mm Subject to changes CA-COM 2 Contents Introduction ........................................... 2 Connector design .................................. 2 Technical data ........................................ 3 How to order ........................................ 4 Contact arrangements. .......................... 5 Mounting dimensions ........................... 10 Separating and coupling dimensions .... 11 Shell styles and dimensions .................. 12 Accessories ............................................ 33 Contact dimensions .............................. 37 Tools ..................................................... 38 Product safety information ................... 40 CA-COM-B • Bayonet coupling • Mateable with all connectors according to VG95234 and series CA-B respec- tively • Either solder or crimp contacts • Contact arrangements with 1 to 37 contacts • Wire sizes from 0,14 to 2,5 mm2 • Shells made of aluminum alloy enable to withstand high mechanical strain* • Surface protected by nickel plating • Resilient insulator (polychloroprene) for wide temperature range (–55/125 °C) • Resistant against aggressive fluids like fuel, oil, etc. • Environmental by means of an adapter for PG termination, universal endbell and heat shrink boots • Min 500 mating cycles • Waterproof (1 bar, 12 hours) CA-COM • Threaded coupling • Mateable with all connectors according to MIL-C-5015 and series CA respec- tively • Either solder or crimp contacts • Contact arrangements with 1 to 37 contacts • Wire sizes from 0,14 up to 2,5 mm2 • Shells made of aluminum alloy enable to withstand high mechanical strain* • Surface protected by nickel plating • Resilient insulator (polychloroprene) for wide temperature range (–55/125 °C) • Resistant against aggressive fluids like fuel, oil, etc. • Environmental by means of an adapter for PG termination, universal endbell and heat shrink boots • Min 500 mating cycles • Spray-waterproof IP67 Introduction ITT Industries, Cannon connectors series CA-COM and CA-COM-B are derivations of connectors according to MIL-C-5015 or VG95234. They were developed especially for industrial applications. Connectors of both CA-COM series are interchangeable with the corresponding types as per MIL- C-5015 and VG95234, as they offer the same mounting dimensions and contact arrangements. The CA-COM and CA-COM-B connector series offer • Wall mounting receptacles • Cable connecting plugs • Box mounting receptacles • Straight plugs • Plugs 90° Wall mounting receptacles and cable connecting plugs (straight and 90 °) are available with • Endbell with cable clamp • Endbell for flex tubes • Adapter combined for PG terminations acc. to DIN 46320 • Adapter for heat shrink boots Furthermore Cannon also provides the appropriate accessories like • Protective metal caps • Sash chains • Cable clamps • Cable bushings • Sealing gaskets Note: * Receptacle size 14S and barrels size 18 + 20 are made of Zinc dicast material. #1171_CA-COM_englisch_250900 18.10.2000, 8:20 Uhr 2 |
Numéro de pièce similaire - CA02COM-F18-1PW-B-03 |
|
Description similaire - CA02COM-F18-1PW-B-03 |