Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3102B18-8P Fiches technique(PDF) 1 Page - ITT Industries

No de pièce CA3102B18-8P
Description  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3102B18-8P Fiches technique(HTML) 1 Page - ITT Industries

  CA3102B18-8P Datasheet HTML 1Page - ITT Industries CA3102B18-8P Datasheet HTML 2Page - ITT Industries CA3102B18-8P Datasheet HTML 3Page - ITT Industries CA3102B18-8P Datasheet HTML 4Page - ITT Industries CA3102B18-8P Datasheet HTML 5Page - ITT Industries CA3102B18-8P Datasheet HTML 6Page - ITT Industries CA3102B18-8P Datasheet HTML 7Page - ITT Industries CA3102B18-8P Datasheet HTML 8Page - ITT Industries CA3102B18-8P Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
A-72
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
ITT Cannon is the foremost manufac-
turer of MS and MS type connectors
with the widest range of connector
styles, sizes and variations in the
industry. These connectors utilize the
finest materials, which, along with
precision manufacturing and rigid
quality control, assure ITT Cannon
customers of the finest quality con-
nectors. The MS A & B product line
has environmentally safe green and
black zinc alloy plating. The Black
zinc plating is RoHS complaint. The
plating is a high quality, uniform fin-
ish. The contact, which are preloaded
in
the
insulator,
have
been
redesigned such that the solder cups
remain in the proper orientation and
will not rotate during wiring termina-
tion. The contacts are machined for
strength and durability and plated
with silver. The Cannon MS A&B
design
meets
the
performance
requirements of the MIL-C-5015. The
product is available in all the popular
sizes and configurations available in
Class A (solid end bell) and Class B
(split end bell) versions.
Applications:
• Industrial Controls
• Test Equipment
• Traffic Signals
• Bus Systems
• High strength aluminum alloy connector
• High strength plastic insulators
• Environmentally safe shell finishes
• Protected against corrosion
• High quality plating finish
• Threaded coupling
• Product is tooled and available in 50 insert patterns
• Machined contacts
• Low cost
• UL recognized
Temperature Range:
–55°C to 125°C (-67°F to 257°F)
Current Rating:
13 A to 150 A*
Durability:
500 mating cycles min.
Wire Accommodation:
0 to 20 AWG*
No. of Contacts:
2 to 48
Termination:
Solder
*Depending on contact size.
h
si
n
iF
la
ir
e
t
a
M
n
o
it
p
ir
c
s
e
D
Green Zinc Standard, Black Zinc (RoHS), OD CAD
y
o
ll
A
m
u
n
i
m
u
l
A
ll
e
h
S
ci
t
s
a
l
P
d
r
a
H
r
o
t
a
l
u
s
n
I
r
e
v
li
S
y
o
ll
A
r
e
p
p
o
C
r
o
s
s
a
r
B
t
c
a
t
n
o
C
ELECTRICAL SERVICE DATA
Test current ratings of contacts and
allowable voltage drop under test con-
ditions when assembled as in service
are shown below. Maximum total cur-
rent to be carried per connector is the
same as the allowable in wire bundles
as specified in MIL-W-5088.
Contact
Test Current
Potential Drop
Size
(amps)
(millivolts)
16
13
49
12
23
42
846
28
480
23
0
150
21
HIGH POTENTIAL TEST VOLTAGE
MS connectors show no evidence of breakdown with the test voltage given
below is applied between the two closest contacts and between the shell and
the contacts closest to the shell for a period of one minute.
Test
Air
Creepage
MS
Voltage
Suggested*
Spacing
Distance
Service
(RMS)
Operating Voltages
Nom.
Nom.
Rating
60 cps
DC
AC (rms)
(inches)
(inches)
Inst.
1000
250
200
1/16
A
2000
700
500
1/16
1/8
D
2800
1250
900
1/8
3/16
E
3500
1750
1250
3/16
1/4
B
4500
2450
1750
1/4
5/16
C
7000
4200
3000
5/16
1
*As indicated in previous MS Specification and to be used by designer only as a guide.
CA /MS A&B
Product Features and Benefits
Performance Specifications
Materials and Finishes
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 72


Numéro de pièce similaire - CA3102B18-8P

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
CA3102B18-8P ITT-CA3102B18-8P Datasheet
1Mb / 5P
   Circular Connectors
CA3102B18-8P ITT-CA3102B18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

Description similaire - CA3102B18-8P

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
CA3106F24-10SF80 ITT-CA3106F24-10SF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com