Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

744776381 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce 744776381
Description  WE-ASI SMD Wire Wound Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

744776381 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  744776381 Datasheet HTML 1Page - List of Unclassifed Manufacturers 744776381 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
74458303
3.0
0.5
1.0
3.5
2.9
21
630
74458304
4.7
0.4
0.9
4.8
4.0
22
500
74458306
6.0
0.4
0.7
6.0
5.2
20
470
74458308
8.0
0.35
0.6
8.0
6.8
19
410
AS-Interface is a determined component in the modern automation technology and has especially enforced in rough industry
environment. To reach a high balance against the earth and to separate data and energy sequence, special inductors were
developed. The huge advantage for this active solution is the almost negligible voltage drop of the chokes. Now the optimal voltage
supply of the actuators is ensured.
To Parameter Search
Please contact our 24h eMail hotline for questions and feedback
Page 2 of 2
WE Product Catalogue eiSos - WE-ASI SMD Wire Wound Inductor
5/8/2012
http://katalog.we-online.de/kataloge/eisos/?language=en&id=754&artikelnr=744775318


Numéro de pièce similaire - 744776381

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744776381 WURTH-744776381 Datasheet
807Kb / 5P
   WE-ASI SMD Wire Wound Inductor
More results

Description similaire - 744776381

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744775360 WURTH-744775360 Datasheet
783Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776333 WURTH-744776333 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
74458303 WURTH-74458303 Datasheet
1Mb / 5P
   WE-ASI SMD Wire Wound Inductor
744776381 WURTH-744776381 Datasheet
807Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776360 WURTH-744776360 Datasheet
1,013Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775347 WURTH-744775347 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775380 WURTH-744775380 Datasheet
783Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776347 WURTH-744776347 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
74458308 WURTH-74458308 Datasheet
1Mb / 5P
   WE-ASI SMD Wire Wound Inductor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com