Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4448WS-RRG Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce 1N4448WS-RRG
Description  200mW High Speed SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4448WS-RRG Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4448WS-RRG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4448WS-RRG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4448WS-RRG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N4148WS/1N4448WS/1N914BWS
200mW High Speed SMD Switching Diode
Small Signal Diode
Rating and Characteristic Curves
FIG 1 Forward Voltage vs Forward Current
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.01
0.1
1
10
100
1000
Forward Current (mA)
FIG 3 Admissible Power Dissipation Curve
0
50
100
150
200
250
0
25
50
75
100
125
150
175
FIG 4 Typical Junction Capacitance
0.7
0.7
0.8
0.8
0.9
0.9
1.0
1.0
1.1
1.1
1.2
01
23
456
78
9
10
Ambient Temperature (°C)
Reverse Voltage (V)
25°C
FIG 2 Reverse Current vs Reverse Voltage
0.01
0.1
1
10
100
0
20
40
60
80
100
120
Reverse Voltage (V)
Ta=25°C
VR=0V
Tj=25°C
f=1MHz
125°
Version : F12


Numéro de pièce similaire - 1N4448WS-RRG

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
1N4448WS-7 DIODES-1N4448WS-7 Datasheet
66Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30096 Rev. 4 - 2
1N4448WS-7-F DIODES-1N4448WS-7-F Datasheet
339Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30096 Rev. 8 - 2
1N4448WS-7-F DIODES-1N4448WS-7-F Datasheet
93Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30096 Rev. 11 - 2
1N4448WS-7-F DIODES-1N4448WS-7-F Datasheet
140Kb / 5P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Vishay Siliconix
1N4448WS-E3-08 VISHAY-1N4448WS-E3-08 Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
More results

Description similaire - 1N4448WS-RRG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
   200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com