Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES5DB Fiches technique(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

No de pièce ES5DB
Description  5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ES5DB Fiches technique(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  ES5DB Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ES5DB Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
5.0
125
0.95
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
10.0
300.0
R JA
CJ
TJ,TSTG
47.0
58.0
-65 to +150
pF
C
A
Typical thermal resistance
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
35
ns
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
150
105
150
400
280
400
600
420
600
200
140
200
300
210
300
Case:SMB/DO-214AA Package
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode band
Mounting Position: Any
Weight:
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURE
MECHANICAL DATA
Glass passivated chip junction
1.7
1.3
®
ES5AB thru ES5JB
Pb Free Plating Product
ES5AB thru ES5JB
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
Pb
0.11 gram approximately
APPLICATION
LED SMPS/Industrial power supply
HID ballast stabilizer
Telecommunication SMPS/LED street lamp
OUTLINE
Unit:inch(millimeter)
SMB/DO-214AA
Cathode Band
0.155 (3.94)
0.130 (3.30)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0 (0)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
0.096 (2.44)
0.084 (2.13)
0.180 (4.57)
0.160 (4.06)
0.086 (2.20)
0.077 (1.95)
ES5AB ES5BB ES5CBES5DB ES5EB ES5GB ES5JB
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
REV.04


Numéro de pièce similaire - ES5DB

FabricantNo de pièceFiches techniqueDescription
logo
UN Semiconducctor INC
ES5DB UNSEMI-ES5DB Datasheet
2Mb / 4P
   Surface Mount Superfast Recovery Rectifier
Revision March 1,2022
logo
Microdiode Electronics ...
ES5DBF CHENDA-ES5DBF Datasheet
630Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES5DBF YFWDIODE-ES5DBF Datasheet
194Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Xian Semipower Electron...
ES5DBF SEMIPOWER-ES5DBF Datasheet
137Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Zibo Seno Electronic En...
ES5DBF ZSELEC-ES5DBF Datasheet
109Kb / 2P
   5.0 A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results

Description similaire - ES5DB

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
ES5A THINKISEMI-ES5A Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5A THINKISEMI-ES5A Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES3A THINKISEMI-ES3A Datasheet
636Kb / 2P
   3 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
HFA04SD20S THINKISEMI-HFA04SD20S Datasheet
697Kb / 2P
   4.0 Ampere Surface Mount Type Ultra Fast Recovery Rectifier Diodes
logo
RFE international
UG2A RFE-UG2A Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG2AA RFE-UG2AA Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
U1AF RFE-U1AF Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG3AB RFE-UG3AB Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
logo
NTE Electronics
NTE576 NTE-NTE576 Datasheet
15Kb / 1P
   5.0 Ampere Super Fast Rectifier
logo
Thinki Semiconductor Co...
STTH502B THINKISEMI-STTH502B Datasheet
401Kb / 2P
   5.0 Ampere Surface Mount Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com