Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4121EDWFR20 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce CS4121EDWFR20
Description  Low Voltage Precision Air-Core Tach/Speedo Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4121EDWFR20 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button CS4121EDWFR20 Datasheet HTML 4Page - ON Semiconductor CS4121EDWFR20 Datasheet HTML 5Page - ON Semiconductor CS4121EDWFR20 Datasheet HTML 6Page - ON Semiconductor CS4121EDWFR20 Datasheet HTML 7Page - ON Semiconductor CS4121EDWFR20 Datasheet HTML 8Page - ON Semiconductor CS4121EDWFR20 Datasheet HTML 9Page - ON Semiconductor CS4121EDWFR20 Datasheet HTML 10Page - ON Semiconductor CS4121EDWFR20 Datasheet HTML 11Page - ON Semiconductor CS4121EDWFR20 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CS4121
http://onsemi.com
9
R3
R4
R2
C3
C1
D2
R1
D1
GND
COSINE
SINE
C4
CCP
RT
+
Speedo Input
Battery
Air Core
Gauge
200
W
CP+
CP−
SQOUT
F/VOUT
VREG
GND
GND
SINE+
SINE−
BIAS
FREQIN
GND
GND
COS+
COS−
VCC
1
Speedometer
Trim Resistor
± 20 PPM/°C
243 k
W
0.1
mF
1.0 A
600 PIV
Figure 9. Speedometer or Tachometer Application
3.9,
500 mW
10 k
W
3.0 k
W
1.0 k
W
0.0033
mF
0.47
mF
0.1
mF
50 V,
500 mW
Zener
± 30 PPM/°C
Notes:
1. For 58% Speed Input TMAX ≤ 5.0/fMAX where
TMAX = CCP (R3 + R4)
fMAX = maximum speed input frequency
2. The product of C4 and RT have a direct effect on gain and therefore directly affect temperature compensation.
3. CCP Range; 20 pF to 0.2 mF.
4. RT Range; 100 kW to 500 kW.
5. The Ic must be protected from transients above 60 V and reverse battery conditions.
6. Additional filtering on FREQIN lead may be required.
7. Gauge coil connections to the IC must be kept as short as possible (
≤ 3.0 inch) for best pointer stability.


Numéro de pièce similaire - CS4121EDWFR20

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS4121EDWFR20 CHERRY-CS4121EDWFR20 Datasheet
186Kb / 8P
   Low Voltage Precision Air-Core Low Voltage Precision Air-Core
logo
ON Semiconductor
CS4121EDWFR20 ONSEMI-CS4121EDWFR20 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
More results

Description similaire - CS4121EDWFR20

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com