Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28F020GI-90T Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce CAT28F020GI-90T
Description  2 Megabit CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F020GI-90T Fiches technique(HTML) 1 Page - ON Semiconductor

  CAT28F020GI-90T Datasheet HTML 1Page - ON Semiconductor CAT28F020GI-90T Datasheet HTML 2Page - ON Semiconductor CAT28F020GI-90T Datasheet HTML 3Page - ON Semiconductor CAT28F020GI-90T Datasheet HTML 4Page - ON Semiconductor CAT28F020GI-90T Datasheet HTML 5Page - ON Semiconductor CAT28F020GI-90T Datasheet HTML 6Page - ON Semiconductor CAT28F020GI-90T Datasheet HTML 7Page - ON Semiconductor CAT28F020GI-90T Datasheet HTML 8Page - ON Semiconductor CAT28F020GI-90T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Doc. No. MD-1029, Rev. F
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
I/O0–I/O7
I/O BUFFERS
CE, OE LOGIC
SENSE
AMP
DATA
LATCH
ERASE VOLTAGE
SWITCH
PROGRAM VOLTAGE
SWITCH
COMMAND
REGISTER
CE
OE
WE
VOLTAGE VERIFY
SWITCH
Y-DECODER
X-DECODER
Y-GATING
2,097,152 BIT
MEMORY
ARRAY
A0–A17
FEATURES
s Fast read access time: 90/120 ns
s Low power CMOS dissipation:
– Active: 30 mA max (CMOS/TTL levels)
– Standby: 1 mA max (TTL levels)
– Standby: 100
µA max (CMOS levels)
s High speed programming:
– 10
µs per byte
– 4 seconds typical chip program
s 0.5 seconds typical chip-erase
s 12.0V
± 5% programming and erase voltage
s Commercial, industrial and automotive
temperature ranges
s Stop timer for program/erase
s On-chip address and data latches
s JEDEC standard pinouts:
– 32-pin DIP
– 32-pin PLCC
– 32-pin TSOP (8 x 20)
s 100,000 program/erase cycles
s 10 year data retention
s Electronic signature
using a two write cycle scheme. Address and Data are
latched to free the I/O bus and address bus during the
write operation.
The CAT28F020 is manufactured using Catalyst’s
advanced CMOS floating gate technology. It is designed
to endure 100,000 program/erase cycles and has a data
retention of 10 years. The device is available in JEDEC
approved 32-pin plastic DIP, 32-pin PLCC or 32-pin
TSOP packages.
DESCRIPTION
The CAT28F020 is a high speed 256K x 8-bit electrically
erasable and reprogrammable Flash memory ideally
suited for applications requiring in-system or after-sale
code updates. Electrical erasure of the full memory
contents is achieved typically within 0.5 second.
It is pin and Read timing compatible with standard
EPROM and E2PROM devices.
Programming and
Erase are performed through an operation and verify
algorithm. The instructions are input via the I/O bus,
5115 FHD F02
BLOCK DIAGRAM
2 Megabit CMOS Flash Memory
CAT28F020
Licensed Intel
second source


Numéro de pièce similaire - CAT28F020GI-90T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28F020GI-90T CATALYST-CAT28F020GI-90T Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020GI-90T ONSEMI-CAT28F020GI-90T Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020GI-90T ONSEMI-CAT28F020GI-90T Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020GI-90T ONSEMI-CAT28F020GI-90T Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
More results

Description similaire - CAT28F020GI-90T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com