Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C128YE-GT3 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce CAT24C128YE-GT3
Description  128 kb I2C CMOS Serial
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C128YE-GT3 Fiches technique(HTML) 1 Page - ON Semiconductor

  CAT24C128YE-GT3 Datasheet HTML 1Page - ON Semiconductor CAT24C128YE-GT3 Datasheet HTML 2Page - ON Semiconductor CAT24C128YE-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C128YE-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C128YE-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C128YE-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C128YE-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C128YE-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C128YE-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 15
1
Publication Order Number:
CAT24C128/D
CAT24C128
128 kb I2C CMOS Serial
EEPROM
Description
The CAT24C128 is a 128 kb Serial CMOS EEPROM, internally
organized as 16,384 words of 8 bits each.
It features a 64−byte page write buffer and supports both the
Standard (100 kHz), Fast (400 kHz) and Fast−Plus (1 MHz) I2C
protocol.
Write operations can be inhibited by taking the WP pin High (this
protects the entire memory).
On−Chip ECC (Error Correction Code) makes the device suitable
for high reliability applications.*
Features
Supports Standard, Fast and Fast−Plus I2C Protocol
1.8 V to 5.5 V Supply Voltage Range
64−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
8−lead PDIP, SOIC, TSSOP, MSOP and UDFN Packages
This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant**
Figure 1. Functional Symbol
SDA
SCL
WP
CAT24C128
VCC
VSS
A2, A1, A0
*Available for New Product (Rev. C)
** For additional information on our Pb−Free strategy and soldering details,
please download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
PIN CONFIGURATION
SDA
WP
VCC
VSS
A2
A1
A0
1
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
SCL
PDIP (L), SOIC (W), TSSOP (Y), MSOP
(Z), UDFN (HU3***), UDFN (HU4)
PDIP−8
L SUFFIX
CASE 646AA
UDFN−8***
HU3 SUFFIX
CASE 517AX
TSSOP−8
Y SUFFIX
CASE 948AL
Device Address Inputs
A0, A1, A2
Serial Data Input/Output
SDA
Serial Clock Input
SCL
Write Protect Input
WP
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
For the location of Pin 1, please consult the
corresponding package drawing.
MSOP−8
Z SUFFIX
CASE 846AD
UDFN−8
HU4 SUFFIX
CASE 517AZ
*** Not recommended for new design.
†The exposed pad for the TDFN/UDFN packages can
be left floating or connected to Ground.


Numéro de pièce similaire - CAT24C128YE-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C128YE-GT3 CATALYST-CAT24C128YE-GT3 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128YE-GT3 ONSEMI-CAT24C128YE-GT3 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
More results

Description similaire - CAT24C128YE-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com