Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCA8052-H Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TPCA8052-H
Description  Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8052-H Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TPCA8052-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCA8052-H
2013-11-01
2
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
(Tc = 25℃)
Rth (ch-c)
4.17
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a)
Rth (ch-a)
44.6
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b)
Rth (ch-a)
78.1
°C/W
Marking (Note 5)
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = 24 V, Tch = 25 °C (initial), L = 100 μH, RG = 25 Ω, IAR = 20 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5:
Part number
TPCA
8052-H
* Weekly code: (Three digits)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)
Year of manufacture
(The last digit of the year)
Lot No.
(a)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)


Numéro de pièce similaire - TPCA8052-H

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8052-H VBSEMI-TPCA8052-H Datasheet
1Mb / 7P
   N-Channel 40 V (D-S) MOSFET
More results

Description similaire - TPCA8052-H

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com