Moteur de recherche de fiches techniques de composants électroniques |
|
CD4066BME4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
CD4066BME4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 25 page CD4066B CMOS QUAD BILATERAL SWITCH SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Vis − Input Signal Voltage − V 600 500 400 300 200 100 0 −4 −3 −2 −1 0 1 2 3 4 TYPICAL ON-STATE RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES) 92CS-27326RI Figure 2 TA = 125°C +25 °C −55 °C Supply Voltage (VDD − VSS) = 5 V Figure 3 TYPICAL ON-STATE RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES) 300 250 200 150 100 50 0 −10 −7.5 −5 −2.5 0 2.5 5 7.5 10 Supply Voltage (VDD − VSS) = 10 V TA = 125°C Vis − Input Signal Voltage − V +25 °C −55 °C 92CS-27327RI Vis − Input Signal Voltage − V TYPICAL ON-STATE RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES) Figure 4 300 250 200 150 100 50 0 −10 −7.5 −5 −2.5 0 2.5 5 7.5 10 Supply Voltage (VDD − VSS) = 15 V TA = 125°C +25 °C −55 °C 92CS-27329RI Vis − Input Signal Voltage − V Figure 5 TYPICAL ON-STATE RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES) 600 500 400 300 200 100 0 −10 −7.5 −5 −2.5 0 2.5 5 7.5 10 Supply Voltage (VDD − VSS) = 5 V TA = 125°C 10 V −15 V 92CS-27330RI |
Numéro de pièce similaire - CD4066BME4 |
|
Description similaire - CD4066BME4 |