Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HCT253MT Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
CD74HCT253MT Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 14 page 4 Quiescent Device Current ICC VCC or GND 0 6 - - 8 - 80 - 160 µA HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC and GND 0 5.5 - - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 8 - 80 - 160 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 3) VCC -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA Three-State Leakage Current IOZ VIL or VIH VO = VCC or GND 5.5 - - ±0.5 - ±5- ±10 µA NOTE: 3. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS 1IO - 1I3, 2IO-2l3 0.4 1EO, 2EO, S0, S1 1 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Table, e.g., 360 µA max at 25oC. Switching Specifications Input tr, tf = 6ns PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Propagation Delay tPLH, tPHL CL = 50pF 2 - - 175 - 220 - 265 ns Select to Outputs 4.5 - - 35 - 44 - 53 ns CL =15pF 5 - 14 - - - - - ns CL = 50pF 6 - - 30 - 37 - 45 ns CD74HC253, CD74HCT253 |
Numéro de pièce similaire - CD74HCT253MT |
|
Description similaire - CD74HCT253MT |