Moteur de recherche de fiches techniques de composants électroniques |
|
SI3445DV-T1-E3 Fiches technique(PDF) 6 Page - Vishay Siliconix |
|
SI3445DV-T1-E3 Fiches technique(HTML) 6 Page - Vishay Siliconix |
6 / 9 page AN823 Vishay Siliconix Document Number: 71743 27-Feb-04 www.vishay.com 1 Mounting LITTLE FOOTR TSOP-6 Power MOSFETs Surface mounted power MOSFET packaging has been based on integrated circuit and small signal packages. Those packages have been modified to provide the improvements in heat transfer required by power MOSFETs. Leadframe materials and design, molding compounds, and die attach materials have been changed. What has remained the same is the footprint of the packages. The basis of the pad design for surface mounted power MOSFET is the basic footprint for the package. For the TSOP-6 package outline drawing see http://www.vishay.com/doc?71200 and see http://www.vishay.com/doc?72610 for the minimum pad footprint. In converting the footprint to the pad set for a power MOSFET, you must remember that not only do you want to make electrical connection to the package, but you must made thermal connection and provide a means to draw heat from the package, and move it away from the package. In the case of the TSOP-6 package, the electrical connections are very simple. Pins 1, 2, 5, and 6 are the drain of the MOSFET and are connected together. For a small signal device or integrated circuit, typical connections would be made with traces that are 0.020 inches wide. Since the drain pins serve the additional function of providing the thermal connection to the package, this level of connection is inadequate. The total cross section of the copper may be adequate to carry the current required for the application, but it presents a large thermal impedance. Also, heat spreads in a circular fashion from the heat source. In this case the drain pins are the heat sources when looking at heat spread on the PC board. Figure 1 shows the copper spreading recommended footprint for the TSOP-6 package. This pattern shows the starting point for utilizing the board area available for the heat spreading copper. To create this pattern, a plane of copper overlays the basic pattern on pins 1,2,5, and 6. The copper plane connects the drain pins electrically, but more importantly provides planar copper to draw heat from the drain leads and start the process of spreading the heat so it can be dissipated into the ambient air. Notice that the planar copper is shaped like a “T” to move heat away from the drain leads in all directions. This pattern uses all the available area underneath the body for this purpose. FIGURE 1. Recommended Copper Spreading Footprint 0.049 1.25 0.010 0.25 0.014 0.35 0.074 1.875 0.122 3.1 0.026 0.65 0.167 4.25 0.049 1.25 Since surface mounted packages are small, and reflow soldering is the most common form of soldering for surface mount components, “thermal” connections from the planar copper to the pads have not been used. Even if additional planar copper area is used, there should be no problems in the soldering process. The actual solder connections are defined by the solder mask openings. By combining the basic footprint with the copper plane on the drain pins, the solder mask generation occurs automatically. A final item to keep in mind is the width of the power traces. The absolute minimum power trace width must be determined by the amount of current it has to carry. For thermal reasons, this minimum width should be at least 0.020 inches. The use of wide traces connected to the drain plane provides a low impedance path for heat to move away from the device. REFLOW SOLDERING Vishay Siliconix surface-mount packages meet solder reflow reliability requirements. Devices are subjected to solder reflow as a test preconditioning and are then reliability-tested using temperature cycle, bias humidity, HAST, or pressure pot. The solder reflow temperature profile used, and the temperatures and time duration, are shown in Figures 2 and 3. Ramp-Up Rate +6_C/Second Maximum Temperature @ 155 " 15_C 120 Seconds Maximum Temperature Above 180_C 70 − 180 Seconds Maximum Temperature 240 +5/−0_C Time at Maximum Temperature 20 − 40 Seconds Ramp-Down Rate +6_C/Second Maximum FIGURE 2. Solder Reflow Temperature Profile |
Numéro de pièce similaire - SI3445DV-T1-E3 |
|
Description similaire - SI3445DV-T1-E3 |