Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX3030ECUE-T Fiches technique(PDF) 10 Page - Maxim Integrated Products

No de pièce MAX3030ECUE-T
Description  15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3030ECUE-T Fiches technique(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3030ECUE-T Datasheet HTML 6Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 7Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 8Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 9Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 10Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 11Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 12Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 13Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
sents the minimum parasitic capacitance that would
exist in a typical application. In most cases, more
capacitance exists in the system and reduces the mag-
nitude of the glitch. During a “hot-swap” event when the
driver is connected to the line and is powered up, the
driver must not cause the differential signal to drop
below 200mV (Figures 12 and 13).
Operation of Enable Pins
The MAX3030E–MAX3033E family has two enable-func-
tional versions.
The MAX3030E/MAX3031E are compatible with
26LS31, where the two enable signals control all four
transmitters (global enable).
The MAX3032E/MAX3033E are compatible with the
SN75174. EN1&2 controls transmitters 1 and 2, and EN
3&4 controls transmitters 3 and 4 (dual enable).
Typical Applications
The MAX3030E–MAX3033E offer optimum performance
when used with the MAX3094E/MAX3096 3.3V quad
differential line receivers. Figure 14 shows a typical RS-
422 connection for transmitting and receiving data.
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
10
______________________________________________________________________________________
4
µs/div
DO_+
DO_+ - DO_-
DO_-
VCC
1V/div
Figure 12. Differential Power-Up Glitch (0.1V/µs)
1.0
µs/div
DO_+
DO_+ - DO_-
DO_-
VCC
1V/div
Figure 13. Differential Power-Up Glitch (1V/µs)
EN
EN
TX1
TX2
TX3
TX4
MODE
0
0
Active
Active
Active
Active
All transmitters active
0
1
High-Z
High-Z
High-Z
High-Z
All transmitters disabled
1
0
Active
Active
Active
Active
All transmitters active
1
1
Active
Active
Active
Active
All transmitters active
Table 1. MAX3030E/MAX3031E Transmitter Controls
EN1&2
EN3&4
TX1
TX2
TX3
TX4
MODE
0
0
High-Z
High-Z
High-Z
High-Z
All transmitters disabled
0
1
High-Z
High-Z
Active
Active
Tx 3 and 4 active
1
0
Active
Active
High-Z
High-Z
Tx 1 and 2 active
1
1
Active
Active
Active
Active
All transmitters active
Table 2. MAX3032E/MAX3033E Transmitter Controls


Numéro de pièce similaire - MAX3030ECUE-T

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3030ECUE MAXIM-MAX3030ECUE Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
More results

Description similaire - MAX3030ECUE-T

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Analog Devices
ADM4168E AD-ADM4168E_V01 Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Analog Devices
ADM4168E AD-ADM4168E Datasheet
290Kb / 12P
   15 kV ESD Protected Dual RS-422 Transceiver
REV. 0
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
logo
Analog Devices
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com