Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD236 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BD236
Description  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD236 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BD236 Datasheet HTML 1Page - Fairchild Semiconductor BD236 Datasheet HTML 2Page - Fairchild Semiconductor BD236 Datasheet HTML 3Page - Fairchild Semiconductor BD236 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=300
µs, duty Cycle=1.5% Pulsed
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BD234
: BD236
: BD238
- 45
- 60
- 100
V
V
V
VCEO
Collector-Emitter Voltage
: BD234
: BD236
: BD238
- 45
- 60
- 80
V
V
V
VCER
Collector-Emitter Voltage
: BD234
: BD236
: BD238
- 45
- 60
- 100
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 2
A
ICP
*Collector Current (Pulse)
- 6
A
PC
Collector Dissipation (TC=25°C)
25
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BD234
: BD236
: BD238
IC = - 100mA, IB = 0
- 45
- 60
- 80
V
V
V
ICBO
Collector Cut-off Current
: BD234
: BD236
: BD238
VCB = - 45V, IE = 0
VCB = - 60V, IE = 0
VCB = - 100V, IE = 0
- 100
- 100
- 100
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 1
mA
hFE
* DC Current Gain
VCE = - 2V, IC = - 150mA
VCE = - 2V, IC = - 1A
40
25
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 1A , IB = - 0.1A
- 0.6
V
VBE(on)
* Base-Emitter ON Voltage
VCE = - 2V, IC = - 1A
- 1.3
V
fT
Current Gain Bandwidth Product
VCE = - 10V, IC = -250mA
3
MHz
BD234/236/238
Medium Power Linear and Switching
Applications
• Complement to BD 233/235/237 respectively
1
TO-126
1. Emitter
2.Collector
3.Base


Numéro de pièce similaire - BD236

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BD236 STMICROELECTRONICS-BD236 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD236 FAIRCHILD-BD236 Datasheet
37Kb / 4P
   Medium Power Linear and Switching
logo
STMicroelectronics
BD236 STMICROELECTRONICS-BD236 Datasheet
265Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD236 ISC-BD236 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
BD236 SAVANTIC-BD236 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - BD236

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com