Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1326 Fiches technique(PDF) 18 Page - ams AG

No de pièce AS1326
Description  High Current, 0.8A DC-DC Step-Up Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1326 Fiches technique(HTML) 18 Page - ams AG

Back Button AS1326_04 Datasheet HTML 11Page - ams AG AS1326_04 Datasheet HTML 12Page - ams AG AS1326_04 Datasheet HTML 13Page - ams AG AS1326_04 Datasheet HTML 14Page - ams AG AS1326_04 Datasheet HTML 15Page - ams AG AS1326_04 Datasheet HTML 16Page - ams AG AS1326_04 Datasheet HTML 17Page - ams AG AS1326_04 Datasheet HTML 18Page - ams AG AS1326_04 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
17 - 18
AS1326
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 10.
Note: All products are RoHS compliant and Pb-free.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 10. Ordering Information
Ordering Code
Marking
Description
Delivery Form
Package
AS1326A-BTDT
ASLG
Active-Low, High-Current, 0.8A
DC-DC Step-Up Converter
Tape & Reel
10-pin TDFN
(3.0mm x 3.0mm)
AS1326A-BTDR
ASLG
Active-Low, High-Current 0.8A
DC-DC Step-Up Converter
Tray
10-pin TDFN
(3.0mm x 3.0mm)
AS1326B-BTDT
ASLH
Active-High, High-Current 0.8A
DC-DC Step-Up Converter
Tape & Reel
10-pin TDFN
(3.0mm x 3.0mm)
AS1326B-BTDR
ASLH
Active-High, High-Current 0.8A
DC-DC Step-Up Converter
Tray
10-pin TDFN
(3.0mm x 3.0mm)


Numéro de pièce similaire - AS1326_04

FabricantNo de pièceFiches techniqueDescription
logo
ams AG
AS1326A AMSCO-AS1326A Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
AS1326A AMSCO-AS1326A Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
AS1326A-BTDR AMSCO-AS1326A-BTDR Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
AS1326A-BTDR AMSCO-AS1326A-BTDR Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
AS1326A-BTDT AMSCO-AS1326A-BTDT Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
More results

Description similaire - AS1326_04

FabricantNo de pièceFiches techniqueDescription
logo
ams AG
AS1326 AMSCO-AS1326 Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
AS1326 AMSCO-AS1326_1 Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
logo
Torex Semiconductor
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
   Load Disconnection Function, 0.8A Step-up DC/DC Converters
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
XC9145 TOREX-XC9145 Datasheet
1Mb / 28P
   400nA Ultra-Low Quiescent, 0.8A, PWM/PFM Step-up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com