Moteur de recherche de fiches techniques de composants électroniques |
|
LM385BZ-1.2RA Fiches technique(PDF) 2 Page - ON Semiconductor |
|
LM385BZ-1.2RA Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 9 page LM285, LM385B http://onsemi.com 2 MAXIMUM RATINGS (TA = 25°C, unless otherwise noted) Rating Symbol Value Unit Reverse Current IR 30 mA Forward Current IF 10 mA Operating Ambient Temperature Range LM285 LM385 TA -40 to +85 0 to +70 °C Operating Junction Temperature TJ +150 °C Storage Temperature Range Tstg -65 to + 150 °C Electrostatic Discharge Sensitivity (ESD) Human Body Model (HBM) Machine Model (MM) Charged Device Model (CDM) ESD 4000 400 2000 V Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted) Characteristic Symbol LM285-1.2 LM385-1.2/LM385B-1.2 Unit Min Typ Max Min Typ Max Reverse Breakdown Voltage (IRmin v IR v 20 mA) LM285-1.2/LM385B-1.2 TA = Tlow to Thigh (Note 1) LM385-1.2 TA = Tlow to Thigh (Note 1) V(BR)R 1.223 1.200 - - 1.235 - - - 1.247 1.270 - - 1.223 1.210 1.205 1.192 1.235 - 1.235 - 1.247 1.260 1.260 1.273 V Minimum Operating Current TA = 25°C TA = Tlow to Thigh (Note 1) IRmin - - 8.0 - 10 20 - 8.0 - 15 20 mA Reverse Breakdown Voltage Change with Current IRmin v IR v 1.0 mA, TA = +25°C TA = Tlow to Thigh (Note 1) 1.0 mA v IR v 20 mA, TA = +25°C TA = Tlow to Thigh (Note 1) DV(BR)R - - - - - - - - 1.0 1.5 10 20 - - - - - - - - 1.0 1.5 20 25 mV Reverse Dynamic Impedance IR = 100 mA, TA = +25°C Z - 0.6 - - 0.6 - W Average Temperature Coefficient 10 mA v IR v 20 mA, TA = Tlow to Thigh (Note 1) DV(BR)/DT - 80 - - 80 - ppm/ °C Wideband Noise (RMS) IR = 100 mA, 10 Hz v f v 10 kHz n - 60 - - 60 - mV Long Term Stability IR = 100 mA, TA = +25°C ± 0.1°C S - 20 - - 20 - ppm/kHR Reverse Breakdown Voltage (IRmin v IR v 20 mA) LM285-2.5/LM385B-2.5 TA = Tlow to Thigh (Note 1) LM385-2.5 TA = Tlow to Thigh (Note 1) V(BR)R 2.462 2.415 - - 2.5 - - - 2.538 2.585 - - 2.462 2.436 2.425 2.400 2.5 - 2.5 - 2.538 2.564 2.575 2.600 V Minimum Operating Current TA = 25°C TA = Tlow to Thigh (Note 1) IRmin - - 13 - 20 30 - - 13 - 20 30 mA 1. Tlow = -40 °C for LM285-1.2, LM285-2.5 Thigh =+85°C for LM285-1.2, LM285-2.5 Tlow = 0 °C for LM385-1.2, LM385B-1.2, LM385-2.5, LM385B-2.5 Thigh =+70°C for LM385-1.2, LM385B-1.2, LM385-2.5, LM385B-2.5 |
Numéro de pièce similaire - LM385BZ-1.2RA |
|
Description similaire - LM385BZ-1.2RA |