Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1930MC Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce LB1930MC
Description  Low-Voltage, Low-Saturation Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1930MC Fiches technique(HTML) 1 Page - ON Semiconductor

  LB1930MC Datasheet HTML 1Page - ON Semiconductor LB1930MC Datasheet HTML 2Page - ON Semiconductor LB1930MC Datasheet HTML 3Page - ON Semiconductor LB1930MC Datasheet HTML 4Page - ON Semiconductor LB1930MC Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
41812 SY/32112 SY 20120228-S00004 No.A2018-1/5
http://onsemi.com
LB1930MC
Overview
The LB1930MC is single-channel forward/reverse DC brush motor driver. This device is optimal for CD, DVD and
Blue Ray Disk player loading motors. And it is possible to use it for others as a general-purpose product.
Features
• The low saturation voltage reduces IC internal heating and allows a high voltage to be applied to the motor. Thus this
device can be used even in environments with a high operating ambient temperature.
Output saturation voltage:
Vsat1 = 0.25V typical (IO = 0.2A)
(High side + low side):
Vsat2 = 0.55V typical (IO = 0.5A)
Operating temperature range: Ta = -30 to +85°C
• The LB1930MC features the wide operating voltage range of 2.2 to 10.8V and the low standby current drain of 0.1μA,
and therefore can easily be used in battery operated systems.
• To minimize through currents, the LB1930MC internal logic passes through an internal standby state when switched
by the input signals between forward/reverse and brake, or between forward and reverse.
• There are no constraints on the relationship between the input voltage and the supply voltage. For example, the
LB1930MC can be used with VCC = 3V, and VIN = 5V.
• If the IC chip exceeds 180°C due to an output short causing a large current flow, the built-in thermal protection circuit
suppresses the drive current to prevent fires or destruction of the IC.
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
11
V
Output current
IOUT max
1000
mA
Output voltage handling
VOUT max
VCC + VSF
V
Applied input voltage
IH max
10.5
V
Allowable power dissipation
Pd max
Mounted on a specified board *
750
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board: 114.3mm
× 76.1mm × 1.6mm, glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
.
Monolithic Digital IC
Low-Voltage, Low-Saturation
Bidirectional Motor Driver
Ordering number : ENA2018A
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Semiconductor Components Industries, LLC, 2013
May, 2013


Numéro de pièce similaire - LB1930MC

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results

Description similaire - LB1930MC

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com