Moteur de recherche de fiches techniques de composants électroniques |
|
H-516-6A Fiches technique(PDF) 2 Page - Bourns Electronic Solutions |
|
H-516-6A Fiches technique(HTML) 2 Page - Bourns Electronic Solutions |
2 / 3 page Headquarters Riverside CA www.bourns.com page 2 of 3 CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society MATERIAL DECLARATION Plating 2-5um Zinc 7440-66-6 100 -- No. Construction Element(subpart) Homogeneous Material Material weight [g] Homogeneous Material\ Substances CASRN if applicable Materials Mass % Material Mass % of total unit wt. Subpart mass of total wt. (%) Zinc 7440-66-6 95.76 18.706 Aluminum 1344-28-1 4.1 0.801 Magnesium 7439-95-4 0.04 0.008 4 Break Zinc alloy 2.04 Copper 7440-50-8 0.1 0.020 19.53 5 Counting Ring POM 0.21 Polyoximethylene 25131-38-3 100 2.01 2.01 Polyamide 66 32131-17-2 36 9.86 Polyamide 6 25038-54-4 15 4.11 Bromopolystyrene 88497-56-7 12.5 3.42 Antimony trioxide 1309-64-4 6.5 1.78 6 Bottom Cover Nylon 2.86 Glass fiber 65997-17-3 30 8.22 27.39 Aluminum 7429-90-5 96.2 9.212 Magnesium 7439-98-5 0.5 0.048 Copper 7440-50-8 2.5 0.239 Aluminum 1.0 Silicon 7440-21-3 0.8 0.077 7 Housing Anodization 2-3um Aluminum oxide 1344-28-1 100 -- 9.58 |
Numéro de pièce similaire - H-516-6A |
|
Description similaire - H-516-6A |