Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V-10G5-1AR6-T Fiches technique(PDF) 7 Page - Omron Electronics LLC

No de pièce V-10G5-1AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-10G5-1AR6-T Fiches technique(HTML) 7 Page - Omron Electronics LLC

Back Button V-10G5-1AR6-T Datasheet HTML 3Page - Omron Electronics LLC V-10G5-1AR6-T Datasheet HTML 4Page - Omron Electronics LLC V-10G5-1AR6-T Datasheet HTML 5Page - Omron Electronics LLC V-10G5-1AR6-T Datasheet HTML 6Page - Omron Electronics LLC V-10G5-1AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-10G5-1AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-10G5-1AR6-T Datasheet HTML 9Page - Omron Electronics LLC V-10G5-1AR6-T Datasheet HTML 10Page - Omron Electronics LLC V-10G5-1AR6-T Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
V
V
116
Switching Capacity per Load (Reference Values)
Model
Voltage
Non-inductive load
Inductive load
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
V-21
250 VAC
21 A
3 A
12 A
4 A
8 VDC
21 A
5 A
12 A
7 A
30 VDC
14 A
5 A
12 A
5 A
125 VDC
0.6 A
0.1 A
0.6 A
0.1 A
250 VDC
0.3 A
0.05 A
0.3 A
0.05 A
V-16
250 VAC
16 A
2 A
10 A
3 A
8 VDC
16 A
4 A
10 A
6 A
30 VDC
10 A
4 A
10 A
4 A
125 VDC
0.6 A
0.1 A
0.6 A
0.1 A
250 VDC
0.3 A
0.05 A
0.3 A
0.05 A
V-15
250 VAC
15 A
2 A
10 A
3 A
8 VDC
15 A
4 A
10 A
6 A
30 VDC
10 A
4 A
10 A
4 A
125 VDC
0.6 A
0.1 A
0.6 A
0.1 A
250 VDC
0.3 A
0.05 A
0.3 A
0.05 A
V-11
250 VAC
11 A
1.5 A
6 A
2 A
8 VDC
11 A
3 A
6 A
3 A
30 VDC
6 A
3 A
6 A
3 A
125 VDC
0.6 A
0.1 A
0.6 A
0.1 A
250 VDC
0.3 A
0.05 A
0.3 A
0.05 A
V-10
250 VAC
10 A
1.5 A
6 A
2 A
8 VDC
10 A
3 A
6 A
3 A
30 VDC
6 A
3 A
6 A
3 A
125 VDC
0.6 A
0.1 A
0.6 A
0.1 A
250 VDC
0.3 A
0.05 A
0.3 A
0.05 A
Note:
1. The above current values are the normal current values of models with a contact gap of 1 mm (gap F), which vary with the normal
current values of models with a contact gap of 0.5 mm (gap G).
2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.


Numéro de pièce similaire - V-10G5-1AR6-T

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V-10G5-1A4-K OMRON-V-10G5-1A4-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G5-1A5-K OMRON-V-10G5-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Description similaire - V-10G5-1AR6-T

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com