Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8205WHRZ Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD8205WHRZ
Description  Single-Supply 42 V System Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8205WHRZ Fiches technique(HTML) 2 Page - Analog Devices

  AD8205WHRZ Datasheet HTML 1Page - Analog Devices AD8205WHRZ Datasheet HTML 2Page - Analog Devices AD8205WHRZ Datasheet HTML 3Page - Analog Devices AD8205WHRZ Datasheet HTML 4Page - Analog Devices AD8205WHRZ Datasheet HTML 5Page - Analog Devices AD8205WHRZ Datasheet HTML 6Page - Analog Devices AD8205WHRZ Datasheet HTML 7Page - Analog Devices AD8205WHRZ Datasheet HTML 8Page - Analog Devices AD8205WHRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD8205
Data Sheet
Rev. D | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Excellent AC and DC Performance................................................ 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ........................................................................ 8
Output Offset Adjustment............................................................... 9
Unidirectional Operation.............................................................9
Ground Referenced Output .........................................................9
V+ Referenced Output .................................................................9
Bidirectional Operation................................................................9
External Reference Output........................................................ 10
Splitting the Supply .................................................................... 10
Splitting an External Reference ................................................ 10
Applications Information .............................................................. 11
High-Side Current Sense with a Low-Side Switch................. 11
High-Side Current Sense with a High-Side Switch ............... 11
Outline Dimensions ....................................................................... 12
Ordering Guide .......................................................................... 12
Automotive Products ................................................................. 12
REVISION HISTORY
4/12—Rev. C to Rev. D
Added H Grade Temperature Range to Table 2 ........................... 4
3/12—Rev. B to Rev. C
Added H Grade Models (Throughout) ......................................... 1
Added Unit of V/V to Gain in Features Section........................... 1
Added Radiometric Accuracy Maximum Parameter of 0.503 V/V,
Operating Range Maximum Parameter of 5.5 V, and H Grade
Specifications (Table 1) .................................................................... 3
Changes to Theory of Operation Section...................................... 8
Changes to Ordering Guide .......................................................... 12
7/10—Rev. A to Rev. B
Changes to Features Section and General Description Section . 1
Delete Die Columns, Table 1........................................................... 3
Changes to Table 2............................................................................ 4
Changes to Figure 4 and Figure 6................................................... 6
Changes to Theory of Operation Section...................................... 8
Changes to Ordering Guide .......................................................... 12
Added Automotive Products Section .......................................... 12
10/09—Rev. 0 to Rev. A
Changes to Output Resistance Parameter, Table 1....................... 3
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 12
4/04—Revision 0: Initial Version


Numéro de pièce similaire - AD8205WHRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8205WHRZ AD-AD8205WHRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205WHRZ-RL AD-AD8205WHRZ-RL Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
More results

Description similaire - AD8205WHRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8206 AD-AD8206_05 Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206 AD-AD8206 Datasheet
262Kb / 12P
   Single-Supply 42 V System Difference Amplifier
Rev. PrA
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com