Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7945AN-B Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD7945AN-B
Description  3.3 V/5 V Multiplying 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7945AN-B Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD7945AN-B Datasheet HTML 5Page - Analog Devices AD7945AN-B Datasheet HTML 6Page - Analog Devices AD7945AN-B Datasheet HTML 7Page - Analog Devices AD7945AN-B Datasheet HTML 8Page - Analog Devices AD7945AN-B Datasheet HTML 9Page - Analog Devices AD7945AN-B Datasheet HTML 10Page - Analog Devices AD7945AN-B Datasheet HTML 11Page - Analog Devices AD7945AN-B Datasheet HTML 12Page - Analog Devices AD7945AN-B Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–9–
AD7943 PIN FUNCTION DESCRIPTIONS
Pin Mnemonic
Description
IOUT1
DAC current output terminal 1.
IOUT2
DAC current output terminal 2. This should be connected to the AGND pin.
AGND
This pin connects to the back gates of the current steering switches. In normal operation, it should be connected
to the signal ground of the system. In biased single-supply operation it may be biased to some voltage between
0 V and the 1.23 V. See Figure 11 for more details.
STB1
This is the Strobe 1 input. Data is clocked into the input shift register on the rising edge of this signal.
STB3
must be high. STB2, STB4 must be low.
LD1, LD2
Active low inputs. When both of these are low, the DAC register is updated and the output will change to
reflect this.
SRI
Serial Data Input. Data on this line will be clocked into the input shift register on one of the Strobe inputs,
when they are enabled.
STB2
This is the Strobe 2 input. Data is clocked into the input shift register on the rising edge of this signal.
STB3 must be high. STB1, STB4 must be low.
STB3
This is the Strobe 3 input. Data is clocked into the input shift register on the falling edge of this signal. STB1,
STB2, STB4, must be low.
STB4
This is the Strobe 4 input. Data is clocked into the input shift register on the rising edge of this signal.
STB3
must be high. STB1, STB2 must be low.
DGND
Digital Ground.
CLR
Asynchronous CLR input. When this input is taken low, all 0s are loaded to the DAC latch.
VDD
Power supply input. This is nominally +5 V for Normal Mode Operation and +3.3 V to +5 V for Biased
Mode Operation.
VREF
DAC reference input.
RFB
DAC feedback resistor pin.
AD7945 PIN FUNCTION DESCRIPTIONS
Pin Mnemonic
Description
IOUT1
DAC current output terminal 1.
AGND
This pin connects to the back gates of the current steering switches. The DAC IOUT2 terminal is also connected
internally to this point.
DGND
Digital Ground.
DB11–DB0
Digital Data Inputs.
CS
Active Low, Chip Select Input.
WR
Active Low, Write Input.
VDD
Power supply input. This is nominally +5 V for Normal Mode Operation and +3.3 V to +5 V for Biased Mode
Operation.
VREF
DAC reference input.
RFB
DAC feedback resistor pin.


Numéro de pièce similaire - AD7945AN-B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7945AN-B AD-AD7945AN-B Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945AN-B AD-AD7945AN-B Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945AN-B AD-AD7945AN-B Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945AN-B AD-AD7945AN-B Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945AN-B AD-AD7945AN-B Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
More results

Description similaire - AD7945AN-B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BNZ AD-AD7945BNZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com