Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7865YS-3 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD7865YS-3
Description  Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7865YS-3 Fiches technique(HTML) 3 Page - Analog Devices

  AD7865YS-3 Datasheet HTML 1Page - Analog Devices AD7865YS-3 Datasheet HTML 2Page - Analog Devices AD7865YS-3 Datasheet HTML 3Page - Analog Devices AD7865YS-3 Datasheet HTML 4Page - Analog Devices AD7865YS-3 Datasheet HTML 5Page - Analog Devices AD7865YS-3 Datasheet HTML 6Page - Analog Devices AD7865YS-3 Datasheet HTML 7Page - Analog Devices AD7865YS-3 Datasheet HTML 8Page - Analog Devices AD7865YS-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
REV. B
–3–
AD7865
Parameter
A, Y Versions
1
B Version
Unit
Test Conditions/Comments
REFERENCE INPUT/OUTPUT
VREF IN Input Voltage Range
2.375/2.625
2.375/2.625
VMIN/VMAX
2.5 V
± 5%
VREF IN Input Capacitance
6
10
10
pF max
VREF OUT Output Voltage
2.5
2.5
V nom
VREF OUT Error @ 25
°C
±10
±10
mV max
VREF OUT Error TMIN to TMAX
±20
±20
mV max
VREF OUT Temperature Coefficient
25
25
ppm/
°C typ
VREF OUT Output Impedance
6
6
k
Ω typ
See Reference Section
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V
± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V
± 5%
Input Current, IIN
±10
±10
µA max
Input Capacitance, CIN
6
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
V min
ISOURCE = 400
µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 1.6 mA
DB13–DB0
High Impedance
Leakage Current
±10
±10
µA max
Capacitance
6
10
10
pF max
Output Coding
AD7865-1, AD7865-3
Two’s Complement
AD7865-2
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
2.4
2.4
µs max
For Single Channel
Track/Hold Acquisition Time
2, 3
0.35
0.35
µs max
Throughput Time
350
350
kSPS max
For Single Channel
100
100
kSPS max
For All Four Channels
POWER REQUIREMENTS
VDD
5
5
V nom
±5% for Specified Performance
IDD
AD7865-1
Typically 23 mA, Logic Inputs = 0 V or VDD
Normal Mode
32
32
mA max
Standby Mode
20
20
µA max
AD7865-2
Typically 20 mA, Logic Inputs = 0 V or VDD
Normal Mode
30
30
mA max
Standby Mode
20
20
µA max
AD7865-3
Typically 23 mA, Logic Inputs = 0 V or VDD
Normal Mode
32
32
mA max
Standby Mode
20
20
µA max
Power Dissipation
AD7865-1
Normal Mode
160
160
mW max
Typically 115 mW. VDD = 5 V
Standby Mode
100
100
µW max
Typically 15
µW
AD7865-2
Normal Mode
150
150
mW max
Typically 100 mW. VDD = 5 V
Standby Mode
100
100
µW max
Typically 15
µW
AD7865-3
Normal Mode
160
160
mW max
Typically 115 mW. VDD = 5 V
Standby Mode
100
100
µW max
Typically 15
µW
NOTES
1Temperature ranges are as follows : A, B Versions: –40
°C to +85°C, Y Version: –40°C to +105°C.
2Performance measured through full channel (SHA and ADC).
3See Terminology.
4Total Harmonic Distortion and Peak Harmonic or Spurious Noise are specified at –83 dBs for the AD7865-2.
5Measured between any two channels with the other two channels grounded.
6Sample tested @ 25
°C to ensure compliance.
Specifications subject to change without notice.


Numéro de pièce similaire - AD7865YS-3

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7865YS-3 AD-AD7865YS-3 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865YS-3 AD-AD7865YS-3 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865YS-3 AD-AD7865YS-3 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865YS-3 AD-AD7865YS-3 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865YS-3 AD-AD7865YS-3 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
More results

Description similaire - AD7865YS-3

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ AD-AD7865ASZ Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BSZ-1 AD-AD7865BSZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865 AD-AD7865_17 Datasheet
242Kb / 20P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
AD7865 AD-AD7865 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com