Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD813AR-14 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD813AR-14
Description  Single Supply, Low Power Triple Video Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD813AR-14 Fiches technique(HTML) 3 Page - Analog Devices

  AD813AR-14 Datasheet HTML 1Page - Analog Devices AD813AR-14 Datasheet HTML 2Page - Analog Devices AD813AR-14 Datasheet HTML 3Page - Analog Devices AD813AR-14 Datasheet HTML 4Page - Analog Devices AD813AR-14 Datasheet HTML 5Page - Analog Devices AD813AR-14 Datasheet HTML 6Page - Analog Devices AD813AR-14 Datasheet HTML 7Page - Analog Devices AD813AR-14 Datasheet HTML 8Page - Analog Devices AD813AR-14 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Model
AD813A
Conditions
V
S
Min
Typ
Max
Units
OUTPUT CHARACTERISTICS
Output Voltage Swing
R
L = 150 Ω, TMIN–TMAX
±5 V
3.5
3.8
±V
R
L = 1 kΩ, TMIN–TMAX
±15 V
13.6
14.0
±V
Output Current
±5 V
25
40
mA
±15 V
30
50
mA
Short Circuit Current
G = +2, R
F = 715 Ω± 15 V
100
mA
V
IN = 2 V
MATCHING CHARACTERISTICS
Dynamic
Crosstalk
G = +2, f = 5 MHz
±5 V, ± 15 V
–65
dB
Gain Flatness Match
G = +2, f = 40 MHz
±15 V
0.1
dB
DC
Input Offset Voltage
T
MIN–TMAX
±5 V, ± 15 V
0.5
3.5
mV
–Input Bias Current
T
MIN–TMAX
±5 V, ± 15 V
2
25
µA
POWER SUPPLY
Operating Range
±1.2
±18
V
Quiescent Current
Per Amplifier
±5 V
3.5
4.0
mA
±15 V
4.5
5.5
mA
T
MIN–TMAX
±15 V
6.7
mA
Quiescent Current, Powered Down
Per Amplifier
±5 V
0.5
0.65
mA
±15 V
0.75
1.0
mA
Power Supply Rejection Ratio
Input Offset Voltage
V
S = ± 1.5 V to ± 15 V
72
80
dB
–Input Current
0.3
0.8
µA/V
+Input Current
0.005
0.05
µA/V
DISABLE CHARACTERISTICS
Off Isolation
f = 5 MHz
±5 V, ± 15 V
–57
dB
Off Output Impedance
G = +1
±5 V, ± 15 V
12.5
pF
Channel-to-Channel
2 or 3 Channels
±5 V, ± 15 V
–65
dB
Isolation
Mux, f = 5 MHz
Turn-On Time
±5 V, ± 15 V
100
ns
Turn-Off Time
80
ns
NOTES
1Slew rate measurement is based on 10% to 90% rise time in the specified closed-loop gain.
Specifications subject to change without notice.
AD813
REV. B
–3–


Numéro de pièce similaire - AD813AR-14

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD813AR-14 AD-AD813AR-14 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813AR-14 AD-AD813AR-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813AR-14 AD-AD813AR-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813AR-14 AD-AD813AR-14 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
More results

Description similaire - AD813AR-14

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
   Single Supply, Low Power, aTriple Video Amplifier
REV. A
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com